Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 43 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 39Page - Analog Devices ADPD105 Datasheet HTML 40Page - Analog Devices ADPD105 Datasheet HTML 41Page - Analog Devices ADPD105 Datasheet HTML 42Page - Analog Devices ADPD105 Datasheet HTML 43Page - Analog Devices ADPD105 Datasheet HTML 44Page - Analog Devices ADPD105 Datasheet HTML 45Page - Analog Devices ADPD105 Datasheet HTML 46Page - Analog Devices ADPD105 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 43 of 66
(dark) portion of the LED response, whereas the positive
sample region falls in the pulsed region of the LED response.
Placing the LED pulse offset, SLOTx_LED_OFFSET, at the
beginning of SLOTx_AFE_OFFSET + 9 + SLOTx_AFE_WIDTH
achieves this timing. The output is the difference of the signals
in the two regions.
Double-sample pair mode is another way to sample. In this
mode, there are two negative sample regions and one long
positive sample region (see Figure 46 and Figure 47). To use
double-sample pair mode, write 0x0 to Register 0x5A, Bit 5 for
Time Slot A, or Bit 6 for Time Slot B. The first negative sample
region starts at SLOTx_AFE_OFFSET + 9 and its duration is set
by SLOTx_AFE_WIDTH. The positive sample region starts at
SLOTx_AFE_OFFSET + 9+ SLOTx_AFE_WIDTH and its
duration is twice the SLOTx_AFE_WIDTH. After this, there is
another negative sample region that starts at SLOTx_AFE_OFFSET
+ 9 + 3 × SLOTx_AFE_WIDTH, and its duration is SLOTx_AFE_
WIDTH. Set the timing such that both of the negative sample
regions fall in the flat (dark) portion of the LED response and
the positive sample region falls in the pulsed portion of the LED
response. Placing the LED pulse offset, SLOTx_LED_OFFSET
at the beginning of SLOTx_AFE_OFFSET + 9 + SLOTx_AFE_
WIDTH achieves this timing. The output is calculated by
summing the response of all the regions in a negative/positive/
negative manner. The double-sample pair mode is useful for cases
when the background light is not constant because it has better
background rejection, but it also uses more power than single-
sample pair mode.
Sample Timing Modes
There are two options for timing the sample regions: gapped
mode and continuous mode.
In gapped timing mode, there is a space between the negative and
positive sample regions. The width of this region is specified by
SLOTA_AFE_FOFFSET for Time Slot A and SLOTB_AFE_
FOFFSET for Time Slot B in 31.25 ns steps. To enable this feature,
write 0x1 to Register 0x5A, Bit 7. This bit enables gapped timing
for the time slot (or time slots) that are in digital integrate mode.
This mode is helpful when there are unwanted transients in the
LED response that must be ignored for an accurate output.
If there are no concerns about LED response transients, select
continuous timing mode. In this mode, there is no space
between the negative and positive sample regions. Write 0x0 to
Register 0x5A, Bit 7 for continuous timing of the sample regions.
Both gapped and continuous sample timing modes can be used
with single-sample pair or double-sample pair mode. Example
timing diagrams are shown in Figure 46, Figure 47, Figure 48,
and Figure 49.
Background Values
In digital integrate mode, the digital integration background
value, DI_BACKGROUND, or dark values are also stored and
available as output data. This is in addition to the output value
during the LED pulse, DI_OUTPUT, which has the dark value
subtracted. DI_BACKGROUND is the sum of the negative
region samples.
To include these values in the FIFO, set Register 0x11, Bits[4:2]
for Time Slot A, and Register 0x11, Bits[8:6] for Time Slot B. For
16-bit data, set this value to 0x3; for 32-bit data, set this value to
0x04. These settings are also available through the data registers;
Register 0x65, Register 0x71, and Register 0x75 for Time Slot A,
and Register 0x69, Register 0x79, and Register 0x7D for Time
Slot B. It is recommended that the channel offsets (Register 0x18 to
Register 0x21) be set to 0x1F00 when including the background
values in the FIFO in digital integration mode. These channel
offsets do not affect the sample values, but do provide more
headroom for the background values.
Saturation Detection in Digital Integrate Mode
In normal operation, when using the band-pass filter and the
integrator, the ADC almost always saturates before the TIA.
Unlike in normal operation, saturation of the TIA or the ADC
cannot be detected solely by looking at the signal value where
the signal value is the positive sample region minus the reference
region in digital integrate mode. This is because the integrated
value does not by itself contain any information indicating
whether one of the ADC conversions during the integration
period exceeded the ADC output range. As a result, the real-
time output may have saturated only for a fraction of the ADC
conversions within a sample and the final accumulated sum may
not reflect this. To detect TIA saturation in digital integration
mode, both the background values, DI_BACKGROUND, and
the signal values, DI_OUTPUT, must be collected. Refer to the
Background Values section for the correct settings for
Register 0x11 that provide these values.
For single-sample pair mode, saturation has occurred when
(DI_OUTPUT/(min(SLOTx_LED_WIDTH,
SLOTx_AFE_WIDTH)) + DI_BACKGROUND/
AFE_WIDTH)/NUM_PULSES > 0x3FFF
For double-sample pair mode, saturation has occurred when
(DI_OUTPUT/(min(SLOTx_LED_WIDTH, 2 ×
SLOTx_AFE_WIDTH)) + DI_BACKGROUND/(2 ×
SLOTx_AFE_WIDTH))/NUM_PULSES > 0x3FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com