Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 56 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 52Page - Analog Devices ADPD105 Datasheet HTML 53Page - Analog Devices ADPD105 Datasheet HTML 54Page - Analog Devices ADPD105 Datasheet HTML 55Page - Analog Devices ADPD105 Datasheet HTML 56Page - Analog Devices ADPD105 Datasheet HTML 57Page - Analog Devices ADPD105 Datasheet HTML 58Page - Analog Devices ADPD105 Datasheet HTML 59Page - Analog Devices ADPD105 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 56 of 66
Address
Data Bit
Default
Value
Access
Name
Description
0x58
[15:14]
0x0
R/W
Reserved
Reserved.
13
0x0
R/W
SLOTB_DIGITAL_INT_EN
0x0: Time Slot B operating in normal mode.
0x1: Time Slot B operating in digital integration mode.
12
0x0
R/W
SLOTA_DIGITAL_INT_EN
0x0: Time Slot A operating in normal mode.
0x1: Time Slot A operating in digital integration mode.
[11:0]
0x000
R/W
Reserved
Reserved.
0x5A
[15:8]
0x00
R/W
Reserved
Write 0x0.
7
0x0
R/W
DIG_INT_GAPMODE
Digital integrate gapped mode enable.
0: no gap between negative and positive sample regions.
1: use SLOTA_AFE_FOFFSET for Time Slot A or SLOTB_AFE_
FOFFSET for Time Slot B to specify the gap in μs.
6
0x0
R/W
SLOTB_DIG_INT_SAMPLE_
MODE
Digital integrate single sample pair mode for Time Slot B.
0: double sample pair mode.
1: single sampled pair mode.
5
0x0
R/W
SLOTA_DIG_INT_SAMPLE_
MODE
Digital integrate single sample pair mode for Time Slot A.
0: double sample pair mode.
1: single sampled pair mode.
[4:0]
0x00
R/W
Reserved
Write 0x00.
Table 31. AFE Configuration Registers, Time Slot A
Address
Data
Bit
Default
Value
Access
Name
Description
0x39
[15:11]
0x4
R/W
SLOTA_AFE_WIDTH
AFE integration window width (in 1 μs step) for Time Slot A.
[10:5]
0x17
R/W
SLOTA_AFE_OFFSET
AFE integration window coarse offset (in 1 μs step) for
Time Slot A.
[4:0]
0x1C
R/W
SLOTA_AFE_FOFFSET
AFE integration window fine offset (in 31.25 ns step) for
Time Slot A.
0x42
[15:8]
0x1C
R/W
SLOTA_AFE_MODE
0x1C: Time Slot A AFE setting for normal mode. All four blocks
of the signal chain are in use during normal mode (the TIA, the
BPF, followed by the integrator, and finally the ADC).
0x1D: Time Slot A AFE setting for digital integrate mode.
7
0x0
R/W
SLOTA_INT_AS_BUF
0: normal integrator configuration.
1: converts integrator to buffer amplifier (this is done
automatically in digital integrate mode).
6
0x0
R/W
SLOTA_TIA_IND_EN
Enable Time Slot A TIA gain individual settings. When it is
enabled, the Channel 1 TIA gain is set via Register 0x42,
Bits[1:0], and the Channel 2 through Channel 4 TIA gain is set
via Register 0x55, Bits[5:0].
0: disable TIA gain individual setting.
1: enable TIA gain individual setting.
[5:4]
0x3
R/W
SLOTA_TIA_VBIAS
Set VBIAS of the TIA for Time Slot A.
0: 1.14 V.
1: 1.01 V.
2: 0.90 V.
3: 1.27 V (default recommended).
[3:2]
0x2
R/W
Reserved
Reserved. Write 0x1.
[1:0]
0x0
R/W
SLOTA_TIA_GAIN
Transimpedance amplifier gain for Time Slot A. When
SLOTA_TIA_IND_EN is enabled, this value is for Time Slot B,
Channel 1 TIA gain. When SLOTA_TIA_IND_EN is disabled, it is
for all four Time Slot A channel TIA gain settings.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com