Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 62 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 58Page - Analog Devices ADPD105 Datasheet HTML 59Page - Analog Devices ADPD105 Datasheet HTML 60Page - Analog Devices ADPD105 Datasheet HTML 61Page - Analog Devices ADPD105 Datasheet HTML 62Page - Analog Devices ADPD105 Datasheet HTML 63Page - Analog Devices ADPD105 Datasheet HTML 64Page - Analog Devices ADPD105 Datasheet HTML 65Page - Analog Devices ADPD105 Datasheet HTML 66Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 62 of 66
Address
Data
Bit
Default
Access
Name
Description
0x38
[15:0]
0x0000
R/W
EXT_SYNC_STARTUP
Write 0x4000 when EXT_SYNC_SEL is b01 or b10. Otherwise, write 0x0.
0x4B
[15:9]
0x13
R/W
Reserved
Write 0x26.
8
0x0
R/W
CLK32K_BYP
Bypass internal 32 kHz oscillator.
0x0: normal operation.
0x1: provide external clock on the GPIO1 pin. The user must set
Register 0x4F, Bits[6:5] = 01 to enable the GPIO1 pin as an input.
7
0x0
R/W
CLK32K_EN
Sample clock power-up. Enables the data sample clock.
0x0: clock disabled.
0x1: normal operation.
6
0x0
R/W
Reserved
Write 0x0.
[5:0]
0x12
R/W
CLK32K_ADJUST
Data sampling (32 kHz) clock frequency adjust. This register is used to
calibrate the sample frequency of the device to achieve high precision
on the data rate as defined in Register 0x12. Adjusts the sample master
32 kHz clock by 0.6 kHz per LSB. For a 100 Hz sample rate as defined in
Register 0x12, 1 LSB of Register 0x4B, Bits[5:0], is 1.9 Hz.
Note that a larger value produces a lower frequency. See the Clocks
and Timing Calibration section for more information regarding clock
adjustment.
00 0000: maximum frequency.
10 0010: typical center frequency.
11 1111: minimum frequency.
0x4D
[15:8]
0x00
R/W
Reserved
Write 0x00.
[7:0]
0x98
R/W
CLK32M_ADJUST
Internal timing (32 MHz) clock frequency adjust. This register is used to
calibrate the internal clock of the device to achieve precisely timed LED
pulses. Adjusts the 32 MHz clock by 109 kHz per LSB.
See the Clocks and Timing Calibration section for more information
regarding clock adjustment.
0000 0000: minimum frequency.
1001 1000: default frequency.
1111 1111: maximum frequency.
0x4E1
[15:0]
0x0060
R/W
ADC_TIMING1
0x0040: ADC clock speed = 1 MHz.
0x0060: ADC clock speed = 500 kHz.
0x4F
[15:8]
0x20
R/W
Reserved
Write 0x20.
7
0x1
R/W
Reserved
Write 0x1.
6
0x0
R/W
GPIO1_OE
GPIO1 pin output enable.
5
0x0
R/W
GPIO1_IE
GPIO1 pin input enable.
4
0x1
R/W
Reserved
Write 0x1.
[3:2]
0x0
R/W
EXT_SYNC_SEL
Sample sync select.
00: use the internal 32 kHz clock with FSAMPLE to select sample timings.
01: use the GPIO0 pin to trigger sample cycle.
10: use the GPIO1 pin to trigger sample cycle.
11: reserved.
1
0x0
R/W
GPIO0_IE
GPIO0 pin input enable.
0
0x0
R/W
Reserved
Write 0x0.
0x50
[15:7]
0x000
R/W
Reserved
Write 0x000.
6
0x0
R/W
GPIO1_CTRL
Controls the GPIO1 output when the GPIO1 output is enabled
(GPIO1_OE = 0x1).
0x0: GPIO1 output driven low.
0x1: GPIO1 output driven by the AFE power-down signal.
5
0x0
R/W
CLK32M_CAL_EN
As part of the 32 MHz clock calibration routine, write 1 to begin the
clock ratio calculation. Read the result of this calculation from the
CLK_RATIO bits in Register 0x0A.
Reset this bit to 0 prior to reinitiating the calculation.
[4:0]
0x00
R/W
Reserved
Write 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com