Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 60 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 56Page - Analog Devices ADPD105 Datasheet HTML 57Page - Analog Devices ADPD105 Datasheet HTML 58Page - Analog Devices ADPD105 Datasheet HTML 59Page - Analog Devices ADPD105 Datasheet HTML 60Page - Analog Devices ADPD105 Datasheet HTML 61Page - Analog Devices ADPD105 Datasheet HTML 62Page - Analog Devices ADPD105 Datasheet HTML 63Page - Analog Devices ADPD105 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 60 of 66
Address
Data
Bit
Default
Access
Name
Description
0x06
[15:14]
0x0
R/W
Reserved
Write 0x0.
[13:8]
0x00
R/W
FIFO_THRESH
FIFO length threshold. An interrupt is generated when the number of
data-words in the FIFO exceeds the value in FIFO_THRESH. The interrupt
pin automatically deasserts when the number of data-words available
in the FIFO no longer exceeds the value in FIFO_THRESH.
[7:0]
0x00
R/W
Reserved
Write 0x00.
0x08
[15:8]
0x04
R
REV_NUM
Revision number.
[7:0]
0x16
R
DEV_ID
Device ID.
0x09
[15:8]
0x00
W
ADDRESS_WRITE_KEY
Write 0xAD when writing to SLAVE_ADDRESS. Otherwise, do not access.
[7:1]
0x64
R/W
SLAVE_ADDRESS
I2C slave address.
0
0x0
R
Reserved
Do not access.
0x0A
[15:12]
0x0
R
Reserved
Write 0x0.
[11:0]
0x000
R
CLK_RATIO
When the CLK32M_CAL_EN bit (Register 0x50, Bit 5) is set, the device
calculates the number of 32 MHz clock cycles in two cycles of the 32 kHz
clock. The result, nominally 2000 (0x07D0), is stored in the CLK_RATIO bits.
0x0B
[15:13]
0x0
R/W
Reserved
Write 0x0.
[12:8]
0x00
R/W
GPIO1_ALT_CFG
Alternate configuration for the GPIO1 pin.
0x0: GPIO1 is backward compatible to the ADPD103 PDSO pin
functionality.
0x1: interrupt function provided on GPIO1, as defined in Register 0x01.
0x2: asserts at the start of the first time slot, deasserts at end of last
time slot.
0x5: Time Slot A pulse output.
0x6: Time Slot B pulse output.
0x7: pulse output of both time slots.
0xC: output data cycle occurred for Time Slot A.
0xD: output data cycle occurred for Time Slot B.
0xE: output data cycle occurred.
0xF: toggles on every sample, which provides a signal at half the
sampling rate.
0x10: ouput = 0
0x11: output = 1
0x13: 32 kHz oscillator output.
Remaining settings are not supported.
[7:5]
0x0
R/W
Reserved
Write 0x0.
[4:0]
0x00
R/W
GPIO0_ALT_CFG
Alternate configuration for the GPIO0 pin.
0x0: GPIO0 is backward compatible to the ADPD103 INT pin functionality.
0x1: interrupt function provided on GPIO0, as defined in Register 0x01.
0x2: asserts at the start of the first time slot, deasserts at end of last
time slot.
0x5: Time Slot A pulse output.
0x6: Time Slot B pulse output.
0x7: pulse output of both time slots.
0xC: output data cycle occurred for Time Slot A.
0xD: output data cycle occurred for Time Slot B.
0xE: output data cycle occurred.
0xF: toggles on every sample, which provides a signal at half the
sampling rate.
0x10: output = 0.
0x11: output = 1.
0x13: 32 kHz oscillator output.
Remaining settings are not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com