Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 66 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 58Page - Analog Devices ADPD105 Datasheet HTML 59Page - Analog Devices ADPD105 Datasheet HTML 60Page - Analog Devices ADPD105 Datasheet HTML 61Page - Analog Devices ADPD105 Datasheet HTML 62Page - Analog Devices ADPD105 Datasheet HTML 63Page - Analog Devices ADPD105 Datasheet HTML 64Page - Analog Devices ADPD105 Datasheet HTML 65Page - Analog Devices ADPD105 Datasheet HTML 66Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 66 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 66 of 66
BOTTOM VIEW
(BALL SIDE UP)
A
B
C
D
E
F
0.560
0.500
0.440
1.44
1.40
1.36
2.50
2.46
2.42
1
2
3
0.300
0.260
0.220
0.40
BSC
2.00
REF
0.80 REF
BALL A1
IDENTIFIER
SEATING
PLANE
0.230
0.200
0.170
0.330
0.300
0.270
COPLANARITY
0.05
TOP VIEW
(BALL SIDE DOWN)
END VIEW
Figure 56. 17-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-17-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADPD105BCPZ
−40°C to +85°C
28-Lead Lead Frame Chip Scale Package [LFCSP]
CP-28-5
ADPD105BCPZRL
−40°C to +85°C
28-Lead Lead Frame Chip Scale Package [LFCSP]
CP-28-5
ADPD105BCBZR7
−40°C to +85°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-18
ADPD106BCBZR7
−40°C to +85°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-18
ADPD107BCBZR7
−40°C to +85°C
17-Ball Wafer Level Chip Scale Package [WLCSP]
CB-17-1
EVAL-ADPD105Z-GEN
Generic ADPD105 Evaluation Board2
1 Z = RoHS Compliant Part.
2 This evaluation board is used for the ADPD105, ADPD106, and ADPD107.
©2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14693-0-1/17(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com