Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 26 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 22Page - Analog Devices ADPD105 Datasheet HTML 23Page - Analog Devices ADPD105 Datasheet HTML 24Page - Analog Devices ADPD105 Datasheet HTML 25Page - Analog Devices ADPD105 Datasheet HTML 26Page - Analog Devices ADPD105 Datasheet HTML 27Page - Analog Devices ADPD105 Datasheet HTML 28Page - Analog Devices ADPD105 Datasheet HTML 29Page - Analog Devices ADPD105 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 26 of 66
AFE Integration Offset Starting Point
The starting point of this offset, as expressed in microseconds, is set
such that the falling edge of the integration window aligns with the
falling edge of the LED.
LED_FALLING_EDGE = SLOTx_LED_OFFSET +
SLOTx_LED_WIDTH
and,
AFE_INTEGRATION_FALLING_EDGE = 9 +
SLOTx_AFE_OFFSET + SLOTx_AFE_WIDTH
If both falling edges are set equal to each other, solve for
SLOTx_AFE_OFFSET to obtain the following equation:
AFE_OFFSET_STARTING_POINT = SLOTx_LED_
OFFSET + SLOTx_LED_WIDTH − 9 – SLOTx_AFE_
WIDTH
Setting the AFE offset to any point in time earlier than the
starting point is equivalent to setting the integration in the
future; the AFE cannot integrate the result from an LED pulse
that has not yet occurred. As a result, a SLOTx_AFE_OFFSET
value less than the AFE_OFFSET_STARTING_POINT value is an
erroneous setting. Such a result may indicate that current in the
TIA is operating in the reverse direction from intended, where
the LED pulse is causing the current to leave the TIA rather
than enter it.
Because, for most setups, the SLOTx_AFE_WIDTH is 1 μs
wider than the SLOTx_LED_WIDTH, the AFE_OFFSET_
STARTING_POINT value is typically 10 μs less than the
SLOTx_LED_OFFSET value. Any value less than SLOTx_LED_
OFFSET – 10 is erroneous. The optimal AFE offset is some time
after the AFE_OFFSET_STARTING_POINT value. The band-
pass filter response, LED response, and photodiode response
each add some delay. In general, the component choice, board
layout, SLOTx_LED_OFFSET, and SLOTx_LED_WIDTH are
the variables that can change the SLOTx_AFE_OFFSET value.
After a specific design is set, the SLOTx_AFE_OFFSET value
can be locked down and does not need to be optimized further.
Sweeping the AFE Position
The AFE offsets for Time Slot A and Time Slot B are controlled
by Bits[10:0] of Register 0x39 and Register 0x3B, respectively.
Each LSB represents one cycle of the 32 MHz clock, or 31.25 ns.
The register can be thought of as 211 − 1 of these 31.25 ns steps, or
it can be broken into an AFE coarse setting using Bits[10:5] to
represent 1 μs steps and Bits[4:0] to represent 31.25 ns steps.
Sweeping the AFE position from the starting point to find a
local maximum is the recommended way to optimize the AFE
offset. The setup for this test is to allow the LED light to fall on
the photodiode in a static way. This test is typically done with a
reflecting surface at a fixed distance. The AFE position can then
be swept to look for changes in the output level. When adjusting
the AFE position, it is important to sweep the position using the
31.25 ns steps. Typically, a local maximum is found within 2 μs
of the starting point for most systems. Figure 28 shows an example
of an AFE sweep, where 0 on the x-axis represents the AFE starting
point defined previously. Each data point in Figure 28 corresponds
to one 31.25 ns step of the SLOTx_AFE_OFFSET. The optimal
location for SLOTx_AFE_OFFSET in this example is 0.687 μs
from the AFE starting point.
0.687
100
95
90
85
80
75
AFE OFFSET FROM STARTING POINT (µs)
0
0.15 0.30 0.45 0.60 0.75 0.90 1.05 1.20 1.35 1.50
Figure 28. AFE Sweep Example
Table 18 lists some typical LED and AFE values after optimization.
In general, it is not recommended to use the SLOTx_AFE_OFFSET
numbers in Table 18 without first verifying them against the AFE
sweep method. Repeat this method for every new LED width and
with every new set of hardware made with the ADPD105/
ADPD107. For maximum accuracy, it is recommended that the
32 MHz clock be calibrated prior to sweeping the AFE.
Table 18. AFE Window Settings
LED Register 0x30 or Register 0x35
AFE Register 0x39 or Register 0x3B
Comment
0x0219
0x1A08
2 μs LED pulse, 3 μs AFE width, 25 μs LED delay
0x0319
0x21FE
3 μs LED pulse, 4 μs AFE width, 25 μs LED delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com