Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 53 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 49Page - Analog Devices ADPD105 Datasheet HTML 50Page - Analog Devices ADPD105 Datasheet HTML 51Page - Analog Devices ADPD105 Datasheet HTML 52Page - Analog Devices ADPD105 Datasheet HTML 53Page - Analog Devices ADPD105 Datasheet HTML 54Page - Analog Devices ADPD105 Datasheet HTML 55Page - Analog Devices ADPD105 Datasheet HTML 56Page - Analog Devices ADPD105 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 53 of 66
Address
Data Bit
Default
Value
Access
Name
Description
0x23
[15:14]
0x0
R/W
Reserved
Write 0x0.
13
0x1
R/W
ILED1_SCALE
LEDX1 current scale factor.
1: 100% strength.
0: 40% strength; sets the LEDX1 driver in low power mode.
LEDX1 Current Scale = 0.4 + 0.6 × (Register 0x23, Bit 13).
12
0x1
R/W
Reserved
Write 0x1.
[11:7]
0x0
R/W
Reserved
Write 0x0.
[6:4]
0x0
R/W
ILED1_SLEW
LEDX1 driver slew rate control. The slower the slew rate, the safer
the performance in terms of reducing the risk of overvoltage of the
LED driver.
0: the slowest slew rate.
…
7: the fastest slew rate.
[3:0]
0x0
R/W
ILED1_COARSE
LEDX1 coarse current setting. Coarse current sink target value of
LEDX1 in standard operation.
0x0: lowest coarse setting.
…
0xF: highest coarse setting.
LED1PEAK = LED1COARSE × LED1FINE × LED1SCALE
where:
LED1PEAK is the LEDX1 peak target value (mA).
LED1COARSE = 50.3 + 19.8 × (Register 0x23, Bits[3:0]).
LED1FINE = 0.74 + 0.022 × (Register 0x25, Bits[4:0]).
LED1SCALE = 0.4 + 0.6 × (Register 0x23, Bit 13).
0x24
[15:14]
0x0
R/W
Reserved
Write 0x0.
13
0x1
R/W
ILED2_SCALE
LEDX2 current scale factor.
1: 100% strength.
0: 40% strength; sets the LEDX2 driver in low power mode.
LED2 Current Scale = 0.4 + 0.6 × (Register 0x24, Bit 13)
12
0x1
R/W
Reserved
Write 0x1.
[11:7]
0x0
R/W
Reserved
Write 0x0.
[6:4]
0x0
R/W
ILED2_SLEW
LEDX2 driver slew rate control. The slower the slew rate, the safer
the performance in terms of reducing the risk of overvoltage of the
LED driver.
0: the slowest slew rate.
…
7: the fastest slew rate.
[3:0]
0x0
R/W
ILED2_COARSE
LEDX2 coarse current setting. Coarse current sink target value of
LEDX2 in standard operation.
0x0: lowest coarse setting.
…
0xF: highest coarse setting.
LED2PEAK = LED2COARSE × LED2FINE × LED2SCALE
where:
LED2PEAK is the LEDX2 peak target value (mA).
LED2COARSE = 50.3 + 19.8 × (Register 0x24, Bits[3:0]).
LED2FINE = 0.74 + 0.022 × (Register 0x25, Bits[10:6]).
LED2SCALE = 0.4 + 0.6 × (Register 0x24, Bit 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com