Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 52 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 48Page - Analog Devices ADPD105 Datasheet HTML 49Page - Analog Devices ADPD105 Datasheet HTML 50Page - Analog Devices ADPD105 Datasheet HTML 51Page - Analog Devices ADPD105 Datasheet HTML 52Page - Analog Devices ADPD105 Datasheet HTML 53Page - Analog Devices ADPD105 Datasheet HTML 54Page - Analog Devices ADPD105 Datasheet HTML 55Page - Analog Devices ADPD105 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 52 of 66
LED CONTROL REGISTERS
Table 29. LED Control Registers
Address
Data Bit
Default
Value
Access
Name
Description
0x14
[15:12]
0x0
R/W
Reserved
Write 0x0 to these bits for proper operation.
[11:8]
0x5
R/W
SLOTB_PD_SEL
PDx connection selection for Time Slot B. See Figure 22 and Figure 23
0x0: all photodiode inputs are floating.
0x1: all photodiode inputs are connected during Time Slot B.
0x5: PD1/PD2/PD3/PD4 are connected during Time Slot B.
Other: reserved.
[7:4]
0x4
R/W
SLOTA_PD_SEL
PDx connection selection for Time Slot A. See Figure 22 and
Figure 23.
0x0: all photodiode inputs are floating.
0x1: all photodiode inputs are connected during Time Slot A.
0x5: PD1/PD2/PD3/PD4 are connected during Time Slot A.
Other: reserved.
[3:2]
0x0
R/W
SLOTB_LED_SEL
Time Slot B LED configuration. These bits determine which LED is
associated with Time Slot B.
0x0: pulse PDx connection to AFE.
0x1: LEDX1 pulses during Time Slot B.
0x2: LEDX2 pulses during Time Slot B.
0x3: LEDX3 pulses during Time Slot B.
[1:0]
0x1
R/W
SLOTA_LED_SEL
Time Slot A LED configuration. These bits determine which LED is
associated with Time Slot A.
0x0: pulse PDx connection to AFE.
0x1: LEDX1 pulses during Time Slot A.
0x2: LEDX2 pulses during Time Slot A.
0x3: LEDX3 pulses during Time Slot A.
0x22
[15:14]
0x0
R/W
Reserved
Write 0x0.
13
0x1
R/W
ILED3_SCALE
LEDX3 current scale factor.
1: 100% strength.
0: 40% strength; sets the LEDX3 driver in low power mode.
LEDX3 Current Scale = 0.4 + 0.6 × (Register 0x22, Bit 13).
12
0x1
R/W
Reserved
Write 0x1.
[11:7]
0x0
R/W
Reserved
Write 0x0.
[6:4]
0x0
R/W
ILED3_SLEW
LEDX3 driver slew rate control. The slower the slew rate, the safer
the performance in terms of reducing the risk of overvoltage of the
LED driver.
0x0: the slowest slew rate.
…
0x7: the fastest slew rate.
[3:0]
0x0
R/W
ILED3_COARSE
LEDX3 coarse current setting. Coarse current sink target value of
LEDX3 in standard operation.
0x0: lowest coarse setting.
…
0xF: highest coarse setting.
LED3PEAK = LED3COARSE × LED3FINE × LED3SCALE
where:
LED3PEAK is the LEDX3 peak target value (mA).
LED3COARSE = 50.3 + 19.8 × (Register 0x22, Bits[3:0]).
LED3FINE = 0.74 + 0.022 × (Register 0x25, Bits[15:11]).
LED3SCALE = 0.4 + 0.6 × (Register 0x22, Bit 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com