Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 4Page - Analog Devices ADPD105 Datasheet HTML 5Page - Analog Devices ADPD105 Datasheet HTML 6Page - Analog Devices ADPD105 Datasheet HTML 7Page - Analog Devices ADPD105 Datasheet HTML 8Page - Analog Devices ADPD105 Datasheet HTML 9Page - Analog Devices ADPD105 Datasheet HTML 10Page - Analog Devices ADPD105 Datasheet HTML 11Page - Analog Devices ADPD105 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 8 of 66
ANALOG SPECIFICATIONS
AVDD = DVDD = 1.8 V, TA = full operating temperature range, unless otherwise noted. Compensation of the AFE offset is explained in
the AFE Operation section.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CAPACITANCE
100
pF
PULSED SIGNAL CONVERSIONS, 3 μs WIDE LED PULSE1
4 μs wide AFE integration; normal operation,
Register 0x43/Register 0x45 = 0xADA5
ADC Resolution2
Transimpedance amplifier (TIA) feedback resistor
25 kΩ
3.27
nA/LSB
50 kΩ
1.64
nA/LSB
100 kΩ
0.82
nA/LSB
200 kΩ
0.41
nA/LSB
ADC Saturation Level
TIA feedback resistor
25 kΩ
26.8
μA
50 kΩ
13.4
μA
100 kΩ
6.7
μA
200 kΩ
3.35
μA
Ambient Signal Headroom on Pulsed Signal
TIA feedback resistor
25 kΩ
23.6
μA
50 kΩ
11.8
μA
100 kΩ
5.9
μA
200 kΩ
2.95
μA
PULSED SIGNAL CONVERSIONS, 2 μs WIDE LED PULSE1
3 μs wide AFE integration; normal operation,
Register 0x43/Register 0x45 = 0xADA5
ADC Resolution2
TIA feedback resistor
25 kΩ
4.62
nA/LSB
50 kΩ
2.31
nA/LSB
100 kΩ
1.15
nA/LSB
200 kΩ
0.58
nA/LSB
ADC Saturation Level
TIA feedback resistor
25 kΩ
37.84
μA
50 kΩ
18.92
μA
100 kΩ
9.46
μA
200 kΩ
4.73
μA
Ambient Signal Headroom on Pulsed Signal
TIA feedback resistor
25 kΩ
12.56
μA
50 kΩ
6.28
μA
100 kΩ
3.14
μA
200 kΩ
1.57
μA
FULL SIGNAL CONVERSIONS3
TIA Saturation Level of Pulsed Signal and Ambient Level
TIA feedback resistor
25 kΩ
50.4
μA
50 kΩ
25.2
μA
100 kΩ
12.6
μA
200 kΩ
6.3
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com