Electronic Components Datasheet Search
  English  ▼

X  

ADPD105 Datasheet(PDF) 38 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 34Page - Analog Devices ADPD105 Datasheet HTML 35Page - Analog Devices ADPD105 Datasheet HTML 36Page - Analog Devices ADPD105 Datasheet HTML 37Page - Analog Devices ADPD105 Datasheet HTML 38Page - Analog Devices ADPD105 Datasheet HTML 39Page - Analog Devices ADPD105 Datasheet HTML 40Page - Analog Devices ADPD105 Datasheet HTML 41Page - Analog Devices ADPD105 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 38 of 66
Note that if either Time Slot A or Time Slot B are disabled, IAFE_x = 0
for that respective time slot. Additionally, if operating in digital
integrate mode, power savings can be realized by setting
Register 0x3C, Bits[8:3] = 010010. This setting disables the
band-pass filters that are bypassed in digital integrate mode,
changing the AFE power contribution calculation to
IAFE_x (mA) = 3.0 × 10−3 + (1.0 × 10−3 × NUM_CHANNELS) +
(5.7 × 10−3/SCALE_X × ILEDX_PK)
(8)
Average VLEDA Supply Current
To calculate the average VLEDA supply current, use Equation 9.
ILED_AVG_A = SLOTA_LED_WIDTH × ILEDA_PK × DR ×
PULSE_COUNT
(9)
where:
SLOTA_LED_WIDTH is the LED pulse width expressed in
seconds.
ILEDA_PK is the peak current, expressed in amps, for whichever
LED is selected for Time Slot A.
Average VLEDB Supply Current
To calculate the average VLEDB supply current, use Equation 10.
ILED_AVG_B = SLOTB_LED_WIDTH × ILEDB_PK × DR ×
PULSE_COUNT
(10)
where:
SLOTB_LED_WIDTH is the LED pulse width expressed in
seconds.
ILEDB_PK is the peak current, expressed in amps, for whichever
LED is selected for Time Slot B.
OPTIMIZING SNR PER WATT
The ADPD105/ADPD106/ADPD107 offer a variety of
parameters that the user can adjust to achieve the best signal.
One of the key goals of system performance is to obtain the best
system SNR for the lowest total power. This goal is often referred
to as optimizing SNR/watt. Even in systems where only the SNR
matters and power is a secondary concern, there may be a lower
power or a high power means of achieving the same SNR.
Optimizing for Peak SNR
The first step in optimizing for peak SNR is to find a TIA gain
and LED level that gives the best performance where the
number of LED pulses remains constant. If peak SNR is the
goal, the noise section of Table 4 can be used as a guide. It is
important to note that the SNR improves as a square root of the
number of pulses averaged together, whereas the increase in the
LED power consumed is directly proportional to the number of
LED pulses. In other words, for every doubling of the LED pulse
count, there is a doubling of the LED power consumed and a 3 dB
SNR improvement. As a result, avoid any change in the gain con-
figuration that provides less than 3 dB of improvement for a 2×
power penalty; any TIA gain configuration that provides more
than 3 dB of improvement for a 2× power penalty is a good
choice. If peak SNR is the goal and there is no issue saturating
the photodiode with LED current at any gain, the 50k TIA gain
setting is an optimal choice. After the SNR per pulse per channel is
optimized, the user can then increase the number of pulses to
achieve the desired system SNR.
Optimizing SNR per Watt in a Signal Limited System
In practice, optimizing for peak SNR is not always practical.
One scenario in which the PPG signal has a poor SNR is the
signal limited regime. In this scenario, the LED current reaches
an upper limit before the desired dc return level is achieved.
Tuning in this case starts where the peak SNR tuning stops. The
starting point is nominally a 50k gain, as long as the lowest LED
current setting of 8 mA does not saturate the photodiode and the
50k gain provides enough protection against intense background
light. In these cases, use a 25k gain as the starting point.
The goal of the tuning process is to bring the dc return signal to a
specific ADC range, such as 50% or 60%. The ADC range choice is
a function of the margin of headroom needed to prevent saturation
as the dc level fluctuates over time. The SNR of the PPG waveform
is always some percentage of the dc level. If the target level cannot
be achieved at the base gain, increase the gain and repeat the
procedure. The tuning system may need to place an upper limit
on the gain to prevent saturation from ambient signals.
Tuning the Pulse Count
After the LED peak current and TIA gain are optimized,
increasing the number of pulses per sample increases the SNR
by the square root of the number of pulses. There are two ways to
increase the pulse count. The pulse count registers (Register 0x31,
Bits[15:8], and Register 0x36, Bits[15:8]) change the number of
pulses per internal sample. Register 0x15, Bits[6:4] and Bits[10:8],
controls the number of internal samples that are averaged together
before the data is sent to the output. Therefore, the number of
pulses per sample is the pulse count register multiplied by the
number of subsequent samples being averaged. In general, the
internal sampling rate increases as the number of internal
sample averages increase to maintain the desired output data
rate. The SNR/watt is most optimal with pulse count values of
16 or less. Above pulse count values of 16, the square root
relationship does not hold in the pulse count register. However,
this relationship continues to hold when averaged between
samples using Register 0x15.
Note that increasing LED peak current increases SNR almost
directly proportional to LED power, whereas increasing the
number of pulses by a factor of n results in only a nominal√(n)
increase in SNR.
When using the sample sum/average function (Register 0x15),
the output data rate decreases by the number of summed
samples. To maintain a static output data rate, increase the
sample frequency (Register 0x12) by the same factor as that
selected in Register 0x15. For example, for a 100 Hz output data
rate and a sample sum/average of four samples, set the sample
frequency to 400 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com