Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 22 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 22 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 18Page - Microchip Technology EMC1702 Datasheet HTML 19Page - Microchip Technology EMC1702 Datasheet HTML 20Page - Microchip Technology EMC1702 Datasheet HTML 21Page - Microchip Technology EMC1702 Datasheet HTML 22Page - Microchip Technology EMC1702 Datasheet HTML 23Page - Microchip Technology EMC1702 Datasheet HTML 24Page - Microchip Technology EMC1702 Datasheet HTML 25Page - Microchip Technology EMC1702 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
EMC1702
DS20006455A
22
2020 Microchip Technology Inc.
4.1
Source Monitoring
The EMC1702 includes circuitry for both source current sensing and source voltage measurement.
From these measurements, a ratiometric value corresponding to the power delivered at the SENSE+
pin is provided.
4.1.1
Current Measurement
The EMC1702 includes a high-side current sensing circuit. This circuit measures the voltage, VSENSE,
induced across a fixed external current sense resistor, RSENSE, and stores a representative voltage as
a signed 11-bit number in the Sense Voltage Registers (see Section 5.22).
This circuitry is able to measure the direction of current flow (from SENSE+ to SENSE- or from
SENSE- to SENSE+). Current flowing from SENSE+ to SENSE- is defined as positive current. Current
flowing from EMC1702 SENSE- to SENSE+ is defined as negative.
The EMC1702 contains user programmable bipolar Full Scale Sense Ranges (FSSR) of ±10mV,
±20mV, ±40mV, or ±80mV (see Section 5.20). The default for this setting is ±80mV.
Each VSENSE measurement is averaged over a user programmable time (see Section 5.20). It is
compared against programmable high and low limits (see Section 5.25). If VSENSE exceeds (or drops
below) the respective limits, the ALERT pin may be asserted (the default operation is to enable current
sense interrupts on the ALERT pin).
The EMC1702 also contains user programmable current peak detection circuitry (see Section 4.1.4)
that will assert the THERM pin if a current spike is detected larger than the programmed threshold and
of longer duration than the programmed time. This circuitry is independent of VSENSE.
Full Scale Current (FSC) can be calculated from:
Actual source current through RSENSE can then be calculated using:
For example: Suppose the system is drawing 1.65A through a 10mresistor and the FSR is set for
20mV. Therefore, by Equation [1], the FSC is 2A.
For a positive voltage the Sense Voltage Registers are read, ignoring the lower four bits since they are
always zero, as 69_8h (0110_1001_1000b or 1688d) which is 82.5% of the full scale source current.
This results in a calculated source current of 1.649A using Equation [2].
where:
[1]
FSC is the Full-Scale Current
FSR, the Full Scale Range, is either
10mV, 20mV, 40mV or 80mV (see
Section 5.20)
RSENSE is the external sense resistor
value
where:
[2]
ISOURCE is the actual source current
FSC is the Full-Scale Current value
(from Equation [1])
VSENSE is the value read from the Sense
Voltage Registers, ignoring the four
lowest bits which are always zero (see
Section 5.22)
FSC
FSR
RSENSE
---------------------
=
ISOURCE FSC
VSENSE
2 047
---------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com