Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 47 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 47 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 43Page - Microchip Technology EMC1702 Datasheet HTML 44Page - Microchip Technology EMC1702 Datasheet HTML 45Page - Microchip Technology EMC1702 Datasheet HTML 46Page - Microchip Technology EMC1702 Datasheet HTML 47Page - Microchip Technology EMC1702 Datasheet HTML 48Page - Microchip Technology EMC1702 Datasheet HTML 49Page - Microchip Technology EMC1702 Datasheet HTML 50Page - Microchip Technology EMC1702 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
47
DS20006455A
Bits 1 - 0 - CS_RNG[1:0] - Determines the Current Sense maximum expected voltage (full scale range)
as shown in Table 5.32.
5.21 Peak Detection Configuration Register
The Peak Detection Configuration register controls the threshold and durations used by the Peak
Detection circuitry. At all times, the Peak Detection threshold and duration are set by the values written
into this register. The resistors on the TH_SEL and DUR_SEL pins are used to determine the initial
values of this register and will not be retained if the value is over written by the user.
These values may be updated at any time via the SMBus.
Bits 7-4 - PEAK_DET_TH[3:0] - Determines the Peak Detector Threshold level as shown in Table 5.34.
Table 5.32 Current Sensing Range (Full Scale Range) Settings
CS_RNG[1:0]
CURRENT SENSOR RANGE
1
0
0
0
10mV
0
1
20mV
1
0
40mV
1
1
80mV (default)
Table 5.33 Peak Detection Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
52h
R/W
Peak
Detection
Config
PEAK_DET_TH[3:0]
PEAK_DET_DUR[3:0]
00h
Table 5.34 PEAK_DET_TH[3:0] Bit Decode
PEAK_DET_TH[3:0]
PEAK DETECTION THRESHOLD
3
2
1
0
0
0
0
0
10mV
0
0
0
1
15mV
0
0
1
0
20mV
0
0
1
1
25mV
0
1
0
0
30mV
0
1
0
1
35mV
0
1
1
0
40mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com