Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 37 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 37 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 33Page - Microchip Technology EMC1702 Datasheet HTML 34Page - Microchip Technology EMC1702 Datasheet HTML 35Page - Microchip Technology EMC1702 Datasheet HTML 36Page - Microchip Technology EMC1702 Datasheet HTML 37Page - Microchip Technology EMC1702 Datasheet HTML 38Page - Microchip Technology EMC1702 Datasheet HTML 39Page - Microchip Technology EMC1702 Datasheet HTML 40Page - Microchip Technology EMC1702 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
37
DS20006455A
5.7
Temperature Limit Registers
The device contains both high and low limits for the temperature channels. If the measured
temperature meets or exceeds the high limit, the corresponding status bit is set, and the ALERT pin
is asserted. Likewise, if the measured temperature is less than or equal to the low limit, the
corresponding status bit is set and the ALERT pin is asserted.
The limit registers with multiple addresses are fully accessible at either address.
When the device is Standby or Current Sense only mode, updating the limit registers will have no effect
until the next conversion cycle occurs. This conversion cycle can be initiated via a write to the One-
Shot Register or by clearing the TMEAS_STOP bit in the Configuration Register (see Section 5.5).
5.8
One-Shot Register
Writing to the One-Shot register will automatically update those channels that are not currently
measured. If the device is Fully Active, writing to this register will have no effect. If the IMEAS_STOP
bit is set, writing to this register will update the VSENSE and VSOURCE voltage measurements. If the
TMEAS_STOP bit is set, writing to this register will update all of the temperature channel
measurements.
Table 5.8 Temperature Limit Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
05h
R/W
Internal Diode
High Limit
Sign
64
32
16
8
4
2
1
55h
(85°C)
0Bh
06h
R/W
Internal Diode
Low Limit
Sign
64
32
16
8
4
2
1
80h
(-128°C)
0Ch
07h
R/W
External
Diode 1 High
Limit High
Byte
Sign
64
32
16
8
4
2
1
55h
(85°C)
0Dh
13h
R/W
External
Diode 1 High
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
08h
R/W
External
Diode 1 Low
Limit High
Byte
Sign
64
32
16
8
4
2
1
80h
(-128°C)
0Eh
14h
R/W
External
Diode 1 Low
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
Table 5.9 One-Shot Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Fh
W
One-Shot
Writing to this register initiates a single conversion cycle. Data
is not stored and always reads 00h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com