Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 23 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 23 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 19Page - Microchip Technology EMC1702 Datasheet HTML 20Page - Microchip Technology EMC1702 Datasheet HTML 21Page - Microchip Technology EMC1702 Datasheet HTML 22Page - Microchip Technology EMC1702 Datasheet HTML 23Page - Microchip Technology EMC1702 Datasheet HTML 24Page - Microchip Technology EMC1702 Datasheet HTML 25Page - Microchip Technology EMC1702 Datasheet HTML 26Page - Microchip Technology EMC1702 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
23
DS20006455A
For a negative voltage the Sense Voltage Registers are read as 96_8h, also ignoring the lower four
bits since they are always zero. To calculate source current the binary value is first converted from
two’s complement by inverting the bits and adding one:
96_8h = 1001_0110_1000b. Inverting equals 0110_1001_0111b (69_7h) and adding one gives
0110_1001_1000b (69_8h).
This results in the same calculated value as in the positive voltage case.
4.1.2
Voltage Measurement
Source voltage is measured on the supply side of the RSENSE resistor (SENSE+) and stored as an
unsigned 11-bit number in the Source Voltage Registers as VSOURCE (see Section 5.23).
Each VSOURCE measurement is averaged over a user programmable time (see Section 5.6 and
Section 5.19). The measurement is delayed by the programmed conversion rate. VSOURCE is
compared against programmable high, low, and critical limits (see Section 5.15, Section 5.16, and
Section 5.17). If the value meets or exceeds the high limits or drops below the low limits, the ALERT
pin may be asserted (default is to enable this function). If the value meets or exceeds the critical limit,
the THERM pin will be asserted (see Section 5.27).
Full Scale Voltage (FSV) is given by the maximum value of the Source Voltage Registers:
Actual source voltage at the SENSE+ pin can be calculated using:
For example: Suppose that the actual source voltage is 10.65V. The Source Voltage Registers are read
as VSOURCE = 71_Ah (0111_0001_1010b or 1818d) which is 44.4% of the full scale source voltage.
This results in a calculated source voltage of 10.65V using Equation [4].
Note that the actual source voltage may also be determined by scaling each bit set by the indicated
bit weighting as described in Section 5.23.
4.1.3
Power Calculation
The EMC1702 may be used to determine the average power provided at the source side of RSENSE
(SENSE+) using the value, PRATIO, contained in the Power Ratio Registers (see Section 5.24). The
value represents the % of maximum calculable power.
PRATIO is mathematically generated by multiplying the absolute values of VSENSE and VSOURCE (see
Section 4.1.1 and Section 4.1.2) and stored as a shifted 16-bit unsigned number. PRATIO is updated
whenever either VSENSE or VSOURCE is updated.
where:
[3]
FSV is the Full-Scale Voltage (a
constant)
where:
[4]
Source Voltage is the voltage at the
SENSE+ pin
FSV is the Full-Scale Voltage (from
Equation [3])
VSOURCE is the digital value read from
the Source Voltage Registers. Note that
the lowest five bits are always zero (see
Section 5.23)
FSV
23.9883V
=
Source Voltage
FSV
VSOURCE
4 094
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com