Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 45 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 45 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 41Page - Microchip Technology EMC1702 Datasheet HTML 42Page - Microchip Technology EMC1702 Datasheet HTML 43Page - Microchip Technology EMC1702 Datasheet HTML 44Page - Microchip Technology EMC1702 Datasheet HTML 45Page - Microchip Technology EMC1702 Datasheet HTML 46Page - Microchip Technology EMC1702 Datasheet HTML 47Page - Microchip Technology EMC1702 Datasheet HTML 48Page - Microchip Technology EMC1702 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
45
DS20006455A
Bits 1-0 - V_AVG[1:0] - Controls the digital averaging that is applied to the source voltage
measurement, as shown in Table 5.26.
5.20 Current Sense Sampling Configuration Register
The Current Sense Sampling Configuration register stores the controls for determining the Current
Sense sampling / update time.
Bits 7 - 6 - CS_QUEUE[1:0] - Determine the number of consecutive measurements that the measured
VSENSE must exceed the limits before flagging an interrupt.
Table 5.25 Voltage Queue Settings
V_QUEUE[1:0]
NUMBER OF CONSECUTIVE OUT-OF-LIMIT MEASUREMENTS
1
0
0
0
1 (default)
0
1
2
1
0
3
1
1
4
Table 5.26 Voltage Averaging Settings
V_AVG[1:0]
AVERAGING
1
0
0
0
Disabled (default)
0
1
2x
1
0
4x
1
1
8x
Table 5.27 Current Sense Sampling Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
51h
R/W
Current Sense
Sampling Config
CS_QUEUE
[1:0]
CS_SAMP_
AVG [1:0]
CS_SAMP_
TIME[1:0]
CS_RNG
[1:0]
03h
Table 5.28 Sense Queue Settings
CS_QUEUE[1:0]
NUMBER OF CONSECUTIVE OUT-OF-LIMIT MEASUREMENTS
1
0
0
0
1 (default)
0
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com