Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 52 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 52 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 48Page - Microchip Technology EMC1702 Datasheet HTML 49Page - Microchip Technology EMC1702 Datasheet HTML 50Page - Microchip Technology EMC1702 Datasheet HTML 51Page - Microchip Technology EMC1702 Datasheet HTML 52Page - Microchip Technology EMC1702 Datasheet HTML 53Page - Microchip Technology EMC1702 Datasheet HTML 54Page - Microchip Technology EMC1702 Datasheet HTML 55Page - Microchip Technology EMC1702 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
EMC1702
DS20006455A
52
2020 Microchip Technology Inc.
The Product Features register indicates functionality that is selected by the user based on pin states
upon device power up.
Bits 7-4 - TH_SEL[3:0] - Indicates the selected Peak Detector Threshold setting as determined by the
TH_SEL pin. This value will be the default setting for the PEAK_DET_TH[3:0] bits and uses the same
decode as given in Table 5.34.
Bits 3-0 - DUR_SEL[3:0] - Indicates the selected Peak Detector minimum duration setting as
determined by the DUR_SEL pin. This value will be the default setting for the PEAK_DET_DUR[3:0]
bits and uses the same decode as given in Table 5.35.
5.29 Product ID Register
The Product ID Register holds a unique value that identifies the device.
5.30 Microchip ID Register
The Manufacturer ID register contains an 8-bit word that identifies Microchip as the manufacturer of
the EMC1702.
5.31 Revision Register
The Revision register contains an 8-bit word that identifies the die revision.
Table 5.44 Product ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FDh
R
Product ID
0
0
1
1
1
0
0
1
39h
Table 5.45 Manufacturer ID Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FEh
R
Microchip
ID
0
1
0
1
1
1
0
1
5Dh
Table 5.46 Revision Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FFh
R
Revision
1
0
0
0
0
0
1
0
82h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com