Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 30 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 30 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 26Page - Microchip Technology EMC1702 Datasheet HTML 27Page - Microchip Technology EMC1702 Datasheet HTML 28Page - Microchip Technology EMC1702 Datasheet HTML 29Page - Microchip Technology EMC1702 Datasheet HTML 30Page - Microchip Technology EMC1702 Datasheet HTML 31Page - Microchip Technology EMC1702 Datasheet HTML 32Page - Microchip Technology EMC1702 Datasheet HTML 33Page - Microchip Technology EMC1702 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
EMC1702
DS20006455A
30
2020 Microchip Technology Inc.
Chapter 5 Register Description
The registers shown in Table 5.1 are accessible through the SMBus. An entry of ‘-’ indicates that the
bit is not used and will always read ‘0’.
Table 5.1 Register Set in Hexadecimal Order
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE
00h
R
Internal Diode Data
High Byte
Stores the integer data for the
Internal Diode (mirrored at address
38h)
00h
Page 33
01h
R
External Diode 1
Data High Byte
Stores the integer data for External
Diode 1 (mirrored at address 3Ah)
00h
Page 33
02h
R
Status
Stores the status bits for the
Internal Diode and External Diode
(mirrored at address 34h)
00h
Page 34
03h
R/W
Configuration
Controls the general operation of
the device (mirrored at address
09h)
00h
Page 35
04h
R/W
Conversion Rate
Controls the conversion rate for
updating measurement data
(mirrored at address 0Ah)
06h
(4/sec)
Page 36
05h
R/W
Internal Diode High
Limit
Stores the 8-bit high limit for the
Internal Diode (mirrored at address
0Bh)
55h
(85°C)
Page 37
06h
R/W
Internal Diode Low
Limit
Stores the 8-bit low limit for the
Internal Diode (mirrored at address
0Ch)
80h
(-128°C)
Page 37
07h
R/W
External Diode 1
High Limit High Byte
Stores the integer portion of the
high limit for External Diode 1
(mirrored at register 0Dh)
55h
(85°C)
Page 37
08h
R/W
External Diode 1 Low
Limit High Byte
Stores the integer portion of the
low limit for External Diode 1
(mirrored at register 0Eh)
80h
(-128°C)
Page 37
09h
R/W
Configuration
Controls the general operation of
the device (mirrored at address
03h)
00h
Page 35
0Ah
R/W
Conversion Rate
Controls the conversion rate for
updating measurement data
(mirrored at address 04h)
06h
(4/sec)
Page 36
0Bh
R/W
Internal Diode High
Limit
Stores the 8-bit high limit for the
Internal Diode (mirrored at address
05h)
55h
(85°C)
Page 37
0Ch
R/W
Internal Diode Low
Limit
Stores the 8-bit low limit for the
Internal Diode (mirrored at address
06h)
80h
(-128°C)
Page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com