Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 10 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 10 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 6Page - Microchip Technology EMC1702 Datasheet HTML 7Page - Microchip Technology EMC1702 Datasheet HTML 8Page - Microchip Technology EMC1702 Datasheet HTML 9Page - Microchip Technology EMC1702 Datasheet HTML 10Page - Microchip Technology EMC1702 Datasheet HTML 11Page - Microchip Technology EMC1702 Datasheet HTML 12Page - Microchip Technology EMC1702 Datasheet HTML 13Page - Microchip Technology EMC1702 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
EMC1702
DS20006455A
10
2020 Microchip Technology Inc.
The pin types are described in Table 1.2. All pins labeled with (5V) are 5V tolerant. All pins labeled
with (24V) are 24V tolerant.
10
TH_SEL
Selects peak detector threshold
AI
11
SENSE-
Negative current sense measurement point
AI (24V)
12
SENSE+
Positive current sense measurement point
AI (24V)
Bottom Pad
GND
Ground
Power
Table 1.2 Pin Types
PIN TYPE
DESCRIPTION
Power
This pin is used to supply power or ground to the device.
AI
Analog Input - this pin is used as an input for analog
signals.
AIO
Analog Input / Output - this pin is used as an I/O for
analog signals.
OD
Open Drain Digital Output - this pin is used as a digital
output. It is open drain and requires a pull-up resistor.
This pin is 5V tolerant.
DI
Digital Input - this pin is used for digital inputs. This pin is
5V tolerant.
DIOD
Open Drain Digital Input / Output - this pin is bi-directional.
It is open drain and requires a pull-up resistor. This pin is
5V tolerant.
Table 1.1 Pin Description for EMC1702 (continued)
PIN NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com