Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 48 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 48 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 44Page - Microchip Technology EMC1702 Datasheet HTML 45Page - Microchip Technology EMC1702 Datasheet HTML 46Page - Microchip Technology EMC1702 Datasheet HTML 47Page - Microchip Technology EMC1702 Datasheet HTML 48Page - Microchip Technology EMC1702 Datasheet HTML 49Page - Microchip Technology EMC1702 Datasheet HTML 50Page - Microchip Technology EMC1702 Datasheet HTML 51Page - Microchip Technology EMC1702 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
EMC1702
DS20006455A
48
2020 Microchip Technology Inc.
Bits 4-0 - PEAK_DET_DUR[3:0] - Determines the Peak Detector minimum time threshold as shown in
Table 5.35.
0
1
1
1
45mV
1
0
0
0
50mV
1
0
0
1
55mV
1
0
1
0
60mV
1
0
1
1
65mV
1
1
0
0
70mV
1
1
0
1
75mV
1
1
1
0
80mV
1
1
1
1
85mV
Table 5.35 PEAK_DET_DUR[3:0] Bit Decode
PEAK_DET_DUR[3:0]
PEAK DETECTION MINIMUM
DURATION
3
2
1
0
0
0
0
0
1ms
0
0
0
1
5.12ms
0
0
1
0
25.6 ms
0
0
1
1
51.2 ms
0
1
0
0
76.8 ms
0
1
0
1
102.4ms
0
1
1
0
128.0ms
0
1
1
1
256.0ms
1
0
0
0
384.0ms
1
0
0
1
512.0ms
1
0
1
0
768.0ms
1
0
1
1
1024.0ms
1
1
0
0
1536.0ms
1
1
0
1
2048.0ms
1
1
1
0
3072.0ms
1
1
1
1
4096.0ms
Table 5.34 PEAK_DET_TH[3:0] Bit Decode (continued)
PEAK_DET_TH[3:0]
PEAK DETECTION THRESHOLD
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com