Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 46 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 46 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 42Page - Microchip Technology EMC1702 Datasheet HTML 43Page - Microchip Technology EMC1702 Datasheet HTML 44Page - Microchip Technology EMC1702 Datasheet HTML 45Page - Microchip Technology EMC1702 Datasheet HTML 46Page - Microchip Technology EMC1702 Datasheet HTML 47Page - Microchip Technology EMC1702 Datasheet HTML 48Page - Microchip Technology EMC1702 Datasheet HTML 49Page - Microchip Technology EMC1702 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
EMC1702
DS20006455A
46
2020 Microchip Technology Inc.
Bits 5 - 4 - CS_SAMP_AVG[1:0] - Determines the number of averages that the Current Sensing
Circuitry will take as shown in Table 5.29.
Bits 3 - 2 - CS_SAMP_TIME[1:0] - Determines the sampling time of the Current Sensing Circuitry as
shown in Table 5.30. The VSENSE voltage will be updated at this rate representing the average current
over the Sampling Time multiplied by the Averaging factor as shown in Table 5.31.
1
0
3
1
1
4
Table 5.29 Current Sense Averaging Settings
CS_SAMP_AVG[1:0]
AVERAGING
1
0
0
0
1x (default)
0
1
2x
1
0
4x
1
1
8x
Table 5.30 Current Sensing Sampling Time Settings
CS_SAMP_TIME[1:0]
CURRENT SENSOR SAMPLING TIME
1
0
0
0
82ms (default)
0
1
82ms
1
0
164ms
1
1
328ms
Table 5.31 Total Sampling Times
SAMPLING TIME
AVERAGING SELECTION
1X
2X
4X
8X
82ms
82ms
164ms
328ms
655ms
164ms
164ms
328ms
655ms
1310ms
328ms
328ms
655ms
1310ms
2620ms
Table 5.28 Sense Queue Settings (continued)
CS_QUEUE[1:0]
NUMBER OF CONSECUTIVE OUT-OF-LIMIT MEASUREMENTS
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com