Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 1 Page - Microchip Technology

  EMC1702 Datasheet HTML 1Page - Microchip Technology EMC1702 Datasheet HTML 2Page - Microchip Technology EMC1702 Datasheet HTML 3Page - Microchip Technology EMC1702 Datasheet HTML 4Page - Microchip Technology EMC1702 Datasheet HTML 5Page - Microchip Technology EMC1702 Datasheet HTML 6Page - Microchip Technology EMC1702 Datasheet HTML 7Page - Microchip Technology EMC1702 Datasheet HTML 8Page - Microchip Technology EMC1702 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
2020 Microchip Technology Inc.
DS20006455A
EMC1702
High-Side Current-Sense and Dual 1°C Temperature Monitor
General Description
The EMC1702 is a combination high-side current sensing
device with precision temperature measurement. It
measures the voltage developed across an external sense
resistor to represent the high-side current of a battery or
voltage regulator. It also measures the source voltage and
uses these measured values to present a proportional
power calculation. The EMC1702 contains additional bi-
directional peak detection circuitry to flag instantaneous
current spikes with programmable time duration and
magnitude threshold. Finally, the EMC1702 includes an
external diode channel for temperature measurement as
well as an internal diode for ambient temperature
measurements.
The temperature measurement includes advanced features
such as Resistance Error Correction (REC), Beta
Compensation (to support CPU diodes requiring the
BJT/transistor model including 45nm and 65nm
processors), and automatic diode type detection.
Both current sensing and temperature monitoring include
two tiers of protection: one that can be masked and causes
the ALERT pin to be asserted, and the other that cannot be
masked and causes the THERM pin to be asserted.
Applications
Notebook and Desktop Computers
Industrial
Power Management Systems
Embedded Applications
Features
High-side current sensor
— Bi-directional current measurement
— Measures source voltage and indicates power ratio
— 1% current measurement accuracy
— Integrated over 82ms to 2.6sec with 11-bit resolution
— 3V to 24V bus voltage range
Independent hardware set instantaneous current peak
detector
— Software controls to program time duration and
magnitude threshold
Power supply options
— Bus or separately powered for low voltage operation
Wide temperature operating range: -40°C to +85°C
One external temperature monitor
— 1°C accuracy (20°C < TDIODE < 110°C) with 0.125°C
resolution
— Ideality factor setting
— Support for 45nm and 65nm CPU diodes requiring the
BJT/transistor model w/ beta compensation
— Determines external diode type and optimal settings
— Resistance Error Correction
Internal temperature monitor
— ±1°C accuracy (-5°C < TA < 85°C)
ALERT and THERM outputs for temperature, voltage,
and out-of-current limit reporting
SMBus 2.0 interface
— Pin-selectable SMBus Address
— Block Read and Write
Available in a 12-pin 4mm x 4mm QFN RoHS Compliant
Package
Block Diagram
Analog
Mux
External
Temp
Diode
Internal
Temp
Diode
SMBus
Slave
Protocol
DP
DN
SMCLK
SMDATA
ADDR_SEL
Peak
Detection
Voltage and
Temp Registers
Configuration
11 - 15 bit
 ADC
13 - 15 bit
 ADC
Current Registers
Current Limits
Voltage and
Temp Limits
THERM
ALERT
Power Register


Similar Part No. - EMC1702

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1702 SMSC-EMC1702 Datasheet
890Kb / 57P
High-Side Current-Sense and Dual 1째C Temperature Monitor
EMC1702-1-KP-TR SMSC-EMC1702-1-KP-TR Datasheet
890Kb / 57P
High-Side Current-Sense and Dual 1째C Temperature Monitor
More results

Similar Description - EMC1702

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
SMSC Corporation
EMC1701 SMSC-EMC1701 Datasheet
876Kb / 54P
High-Side Current-Sense and Internal 1째C Temperature Monitor
logo
International Rectifier
AUIPS7145R IRF-AUIPS7145R Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH Over temperature shutdown
logo
Linear Technology
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
International Rectifier
AUIPS7142G IRF-AUIPS7142G_15 Datasheet
154Kb / 17P
DUAL CHANNELS CURRENT SENSE HIGH SIDE SWITCH
logo
Microchip Technology
EMC1704 MICROCHIP-EMC1704 Datasheet
1Mb / 68P
High-Side Current-Sense and Multiple 1째C Temperature Monitor
Rev. 1.0 11-09-09
logo
SMSC Corporation
EMC1702 SMSC-EMC1702 Datasheet
890Kb / 57P
High-Side Current-Sense and Dual 1째C Temperature Monitor
logo
Microchip Technology
PAC1710 MICROCHIP-PAC1710 Datasheet
492Kb / 48P
Single and Dual High-Side Current-Sense Monitor with Power Calculation
07/14/15
logo
SMSC Corporation
PAC1720 SMSC-PAC1720 Datasheet
772Kb / 47P
Dual High-Side Current Sense Monitor with Power Calculation
logo
Diodes Incorporated
ZXCT1008 DIODES-ZXCT1008_17 Datasheet
562Kb / 8P
INCREASED AMBIENT TEMPERATURE HIGH-SIDE CURRENT MONITOR
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com