Electronic Components Datasheet Search
  English  ▼

X  

EMC1702 Datasheet(PDF) 31 Page - Microchip Technology

Part # EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Datasheet(HTML) 31 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 27Page - Microchip Technology EMC1702 Datasheet HTML 28Page - Microchip Technology EMC1702 Datasheet HTML 29Page - Microchip Technology EMC1702 Datasheet HTML 30Page - Microchip Technology EMC1702 Datasheet HTML 31Page - Microchip Technology EMC1702 Datasheet HTML 32Page - Microchip Technology EMC1702 Datasheet HTML 33Page - Microchip Technology EMC1702 Datasheet HTML 34Page - Microchip Technology EMC1702 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
31
DS20006455A
0Dh
R/W
External Diode 1
High Limit High Byte
Stores the integer portion of the
high limit for External Diode 1
(mirrored at register 07h)
55h
(85°C)
Page 37
0Eh
R/W
External Diode 1 Low
Limit High Byte
Stores the integer portion of the
low limit for External Diode 1
(mirrored at register 08h)
80h
(-128°C)
Page 37
0Fh
W
One-Shot
A write to this register initiates a
one-shot update.
00h
Page 37
10h
R
External Diode 1
Data Low Byte
Stores the fractional data for
External Diode 1 (mirrored at
address 3Bh)
00h
Page 33
13h
R/W
External Diode 1
High Limit Low Byte
Stores the fractional portion of the
high limit for External Diode 1
00h
Page 37
14h
R/W
External Diode 1 Low
Limit Low Byte
Stores the fractional portion of the
low limit for External Diode 1
00h
Page 37
19h
R/W
External Diode 1 Tcrit
Limit
Stores the 8-bit critical temperature
limit for External Diode 1
64h
(100°C)
Page 38
1Bh
R-C
External Diode Fault
Stores status bits indicating which
external diode detected a diode
fault
00h
Page 38
1Fh
R/W
Channel Mask
Register
Controls the masking of individual
channels
00h
Page 38
20h
R/W
Internal Diode Tcrit
Limit
Stores the 8-bit critical temperature
limit for the Internal Diode
64h
(100°C)
Page 38
21h
R/W
Tcrit Hysteresis
Stores the 8-bit hysteresis value
that applies to all THERM limits
0Ah
(10°C)
Page 38
22h
R/W
Consecutive Alert
Controls the number of out-of-limit
conditions that must occur before
an interrupt is asserted
70h
Page 39
25h
R/W
External Diode 1
Beta Configuration
Stores the Beta Compensation
circuitry settings for External Diode
1
10h
Page 40
27h
R/W
External Diode 1
Ideality Factor
Stores the ideality factor for
External Diode 1
12h
(1.008)
Page 41
29h
R
Internal Diode Data
Low Byte
Stores the fractional data for the
Internal Diode (mirrored at register
39h)
00h
Page 33
34h
R-C
Status
Stores the status bits for the
measured temperature channels,
Current Sense circuitry, and Peak
Detector circuitry.
00h
Page 34
35h
R-C
High Limit Status
Status bits for the High Limits
00h
Page 42
36h
R-C
Low Limit Status
Status bits for the Low Limits
00h
Page 43
Table 5.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com