Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 13Page - NXP Semiconductors CD1020 Datasheet HTML 14Page - NXP Semiconductors CD1020 Datasheet HTML 15Page - NXP Semiconductors CD1020 Datasheet HTML 16Page - NXP Semiconductors CD1020 Datasheet HTML 17Page - NXP Semiconductors CD1020 Datasheet HTML 18Page - NXP Semiconductors CD1020 Datasheet HTML 19Page - NXP Semiconductors CD1020 Datasheet HTML 20Page - NXP Semiconductors CD1020 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
17
NXP Semiconductors
CD1020
6
General IC functional description
The CD1020 device interacts with many connections outside the module and near the end user. The IC detects changes in switch state
and reports the information to the MCU via the SPI protocol. The input pins generally connect to switches located outside the module and
in proximity to battery in car harnesses. Consequently, the IC must have some external protection including an ESD capacitor and series
resistors, to ensure the energy from the various pulses are limited at the IC.
The IC requires a blocking diode be used on the VBATP pin to protect from a reverse battery condition. The inputs are capable of surviving
reverse battery without a blocking diode, due to an internal blocking diode from the input to the power supply (VBATP). This arrangement
ensures that there is no backfeeding of voltage/current into the IC, when the voltage on the input is higher than the VBATP pin.
6.1
Battery voltage ranges
The CD1020 device operates from 6.0 V ≤ VBATP ≤ 36 V and is capable to withstand up to 40 V. Voltages in excess of 40 V must be
clamped externally in order to protect the IC from destruction. The VBATP pin must be isolated from the main battery node by a diode.
6.1.1
Load dump (overvoltage)
During load dump, the CD1020 operates properly up to the VBATP overvoltage. Voltages greater than load dump (~32 V) cause the current
sources to be limited to ~2.0 mA, but the register values are maintained. Upon leaving this overvoltage condition, the original setup is
returned and normal operation begins again.
6.1.2
Jump start (double battery)
During a jump start (double battery) condition, the device functions normally and meets all the specified parametric values. No internal
faults are set and no abnormal operation noted as a result of operating in this range.
6.1.3
Normal battery range
The normal voltage range is fully functional with all parametrics in the given specification.
6.1.4
Undervoltage
In the undervoltage range, the SPI can work normally, but the device functions are not guaranteed.
6.1.5
Undervoltage lockout
During undervoltage lockout, the MISO output is tri-stated to avoid any data from being transmitted from the CD1020. Any CS_B pulses
are ignored in this voltage range. If the battery enters this range at any point (even during a SPI word), the CD1020 ignores the word and
enters lockout mode. A SPI bit register is available to notify the MCU that the CD1020 has seen an undervoltage lockout condition once
the battery is high enough to leave this range.
6.1.6
Power-On-Reset (POR) activated
The Power-On-Reset is activated when the VBATP is within the 2.7 V to 3.8 V range. During the POR all SPI registers are reset to default
values and SPI operation is disabled. The CD1020 is initialized after the POR is de-asserted. A SPI bit in the device configuration register
is used to note a POR occurrence and all SPI registers are reset to the default values.
6.1.7
No operation
The device does not function and no switch detection is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com