Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 4Page - NXP Semiconductors CD1020 Datasheet HTML 5Page - NXP Semiconductors CD1020 Datasheet HTML 6Page - NXP Semiconductors CD1020 Datasheet HTML 7Page - NXP Semiconductors CD1020 Datasheet HTML 8Page - NXP Semiconductors CD1020 Datasheet HTML 9Page - NXP Semiconductors CD1020 Datasheet HTML 10Page - NXP Semiconductors CD1020 Datasheet HTML 11Page - NXP Semiconductors CD1020 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
NXP Semiconductors
8
CD1020
4.2
Thermal characteristics
Table 4. Thermal ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage
to the device.
Symbol
Description (rating)
Min
Max
Unit
Notes
Thermal ratings
TA
TJ
Operating Temperature
• Ambient
•Junction
–40
–40
125
150
°C
TSTG
Storage Temperature
–65
150
°C
TPPRT
Peak Package Reflow Temperature During Reflow
–
–
°C
Thermal resistance
RΘJA
Junction-to-Ambient, Natural Convection, Single-Layer Board
• 32 QFN
—94
°C/W
(6),(7)
RΘJB
Junction-to-Board
• 32 QFN
—12
°C/W
(8)
RΘJC
Junction-to-Case (Bottom)
• 32 QFN
—
2.0
°C/W
(9)
ΨJT
Junction-to-Package (Top), Natural convection
• 32 QFN
—
2.0
°C/W
(10)
Package dissipation ratings
TSD
Thermal shutdown
• 32 QFN
155
185
°C
TSDH
Thermal shutdown hysteresis
• 32 QFN
3.0
15
°C
Notes
6.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
7.
Per JEDEC JESD51-2 with natural convection for horizontally oriented board. Board meets JESD51-9 specification for 1s or 2s2p board,
respectively.
8.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface of the
board near the package.
9.
Thermal resistance between the die and the solder pad on the bottom of the package based on simulation without any interface resistance.
10.
Thermal characterization parameter indicating the temperature difference between package top and the junction temperature per JEDEC
JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com