Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 48Page - NXP Semiconductors CD1020 Datasheet HTML 49Page - NXP Semiconductors CD1020 Datasheet HTML 50Page - NXP Semiconductors CD1020 Datasheet HTML 51Page - NXP Semiconductors CD1020 Datasheet HTML 52Page - NXP Semiconductors CD1020 Datasheet HTML 53Page - NXP Semiconductors CD1020 Datasheet HTML 54Page - NXP Semiconductors CD1020 Datasheet HTML 55Page - NXP Semiconductors CD1020 Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
55
NXP Semiconductors
CD1020
10
Reference section
11
Revision history
Table 45. CD1020 reference documents
Reference
Description
CDF-AEC-Q100
Stress Test Qualification For Automotive Grade Integrated Circuits
Q-1000
Qualification Specification for Integrated Circuits
SQ-1001
Specification Conformance
ISO 7637
Electrical Disturbances from Conduction and Coupling
ISO 61000
Electromagnetic Compatibility
Revision
Date
Description of changes
1.0
6/2017
• Initial release
2.0
2/2018
• Changed document specification state from Product Preview to Advance Information
• Table 3, Maximum ratings
• Deleted VESD6-1, description, parameter, and footnote 5
• Table 6, Static electrical characteristics
• Added footnote ‘AMUX output voltage deviates when there are negative inputs on other SGx/SPx pins.’ to
VGNDOFFSET and VOFFSET
• Table 7, Dynamic electrical characteristics
• Deleted iINT-TIMER row
• Section 7.8, deleted last sentence of section, ‘Since the device is required...’
• Table 11, Device configuration register
• Changed bit 9 from Aconfig1 to Unused
• Changed bit 8 from Aconfig0 to Unused
• Section 7.10.22, AMUX control register
• Changed ‘Internal to the CD1020 is a 24-to-1...’ to ‘Internal to the CD1020 is a 22-to-1...’
• Section 8.2, Bill of materials
• Changed item 9 from ‘...SWITCH INTERFACE SOIC32’ to ‘...SWITCH INTERFACE QFN 32 pin’
3.0
7/2018
• Changed document status from Advance Information to Technical Data
• Added tCSB_WAKEUP parameter to Table 7
4.0
7/2019
• Updated Figure 22 and Table 43, Bill of materials as per CIN 201907004I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com