Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 4 Page - NXP Semiconductors

  CD1020 Datasheet HTML 1Page - NXP Semiconductors CD1020 Datasheet HTML 2Page - NXP Semiconductors CD1020 Datasheet HTML 3Page - NXP Semiconductors CD1020 Datasheet HTML 4Page - NXP Semiconductors CD1020 Datasheet HTML 5Page - NXP Semiconductors CD1020 Datasheet HTML 6Page - NXP Semiconductors CD1020 Datasheet HTML 7Page - NXP Semiconductors CD1020 Datasheet HTML 8Page - NXP Semiconductors CD1020 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
NXP Semiconductors
4
CD1020
2
Internal block diagram
Figure 2. CD1020 internal block diagram
Wetting (2.0 mA to 16 mA)
Sustain (2.0 mA)
Low Power Mode (1.0 mA)
VBATP
To SPI
SG0
VBATP
4.0 V
reference
To SPI
SP0-7
Internal 2.5 V
VBATP
+
-
VDDQ
Inputs
SG0
SG2
SG1
SG13
SP7
SP0
SP1
AMUX
VBATP
VDDQ
GND
SCLK
MOSI
MISO
CS_B
WAKE_B
INT_B
Oscillator
and
Clock control
VBATP, VDDQ
Internal 2.5 V/5.0 V
Power On Reset
Bandgap reference
Sleep Power
Temperature
Monitor and
Control
SPI Interface and
Control
Internal 2.5 V
Internal 2.5 V
Internal 2.5 V
VDDQ
Mux control
22
Interrupt
control
VDDQ
125 k
Ω
WAKE_B control
VDDQ
125 k
Ω
Internal 2.5 V
VBATP
EP
Internal 2.5 V
4.0 V
reference
VBATP
To SPI
SGx
4.0 V
reference
VBATP
To SPI
SG5
4.0 V
reference
SG5
VDDQ
125 k
Ω
Wetting (2.0 mA to 16 mA)
Sustain (2.0 mA)
Low Power Mode (1.0 mA)
Wetting (2.0 mA to 16 mA)
Sustain (2.0 mA)
Low Power Mode (1.0 mA)
Wetting (2.0 mA to 16 mA)
Sustain (2.0 mA)
Low Power Mode (1.0 mA)
Wetting (2.0 mA to 16 mA)
Sustain (2.0 mA)
Low Power Mode (2.0 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com