Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 38Page - NXP Semiconductors CD1020 Datasheet HTML 39Page - NXP Semiconductors CD1020 Datasheet HTML 40Page - NXP Semiconductors CD1020 Datasheet HTML 41Page - NXP Semiconductors CD1020 Datasheet HTML 42Page - NXP Semiconductors CD1020 Datasheet HTML 43Page - NXP Semiconductors CD1020 Datasheet HTML 44Page - NXP Semiconductors CD1020 Datasheet HTML 45Page - NXP Semiconductors CD1020 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
NXP Semiconductors
42
CD1020
7.10.17 LPM voltage threshold SP configuration
The CD1020 is able to use different voltage thresholds to wake-up from LPM. When configured as SG, a Logic [0] means the input will
use the LPM delta voltage threshold to determine the state of the switch. A Logic [1] means the input uses the Normal threshold (VICTHR)
to determine the state of the switch. When configured as an SB, it only uses the 4.0 V threshold regardless of the status of the LPM voltage
threshold bit. The user must ensure that the correct current level is set to allow the crossing of the normal mode threshold (typically 4.0 V).
7.10.18 LPM voltage threshold SG configuration
This means the input uses the LPM delta voltage threshold to determine the state of the switch. A Logic [1] means the input uses the
Normal threshold to determine the state of the switch. The user must ensure that the correct current level is set to allow the crossing of
the normal mode threshold (typically 4.0 V)
Table 29. LPM voltage threshold configuration SP register
Register address
R/W
SPI data bits [23 – 0]
[31–25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0010_100
0/1
Unused
Default on POR
00
000
000
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
Unused
00
000
000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
00
000
000
MISO return word
bit [23]
bit [22]
bits [21 – 0]
0010_100[R/W]
FAULT
STATUS
INTflg
Register Data
Table 30. LPM voltage threshold configuration SG register
Register address
R/W
SPI data bits [23 – 0]
[31–25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0010_101
0/1
Unused
Default on POR
00
000
000
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
Unused
SG13
SG12
SG11
SG10
SG9
SG8
00
000
000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SG7
SG6
SG5
SG4
SG3
SG2
SG1
SG0
00
000
000
MISO return word
bit [23]
bit [22]
bits [21 – 0]
0010_101[R/W]
FAULT
STATUS
INTflg
Register Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com