Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 5 Page - NXP Semiconductors

  CD1020 Datasheet HTML 1Page - NXP Semiconductors CD1020 Datasheet HTML 2Page - NXP Semiconductors CD1020 Datasheet HTML 3Page - NXP Semiconductors CD1020 Datasheet HTML 4Page - NXP Semiconductors CD1020 Datasheet HTML 5Page - NXP Semiconductors CD1020 Datasheet HTML 6Page - NXP Semiconductors CD1020 Datasheet HTML 7Page - NXP Semiconductors CD1020 Datasheet HTML 8Page - NXP Semiconductors CD1020 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
5
NXP Semiconductors
CD1020
3
Pin connections
3.1
Pinout
Figure 3. QFN (WF-Type) pinouts
3.2
Pin definitions
Table 2. CD1020 pin definitions
Pin
number
QFN
Pin name Pin function
Formal name
Definition
29
GND
Ground
Ground
Ground for logic, analog
30
MOSI
Input/SPI
SPI Slave In
SPI control data input pin from the MCU
31
SCLK
Input/SPI
Serial Clock
SPI control clock input pin
32
CS_B
Input/SPI
Chip Select
SPI control chip select input pin
1 – 4
21 – 24
SP0–3
SP4–7
Input
Programmable Switches 0–7
Switch to programmable input pins (SB or SG)
5 – 11
14 – 20
SG0–6,
SG7–13
Input
Switch-to-Ground Inputs 0 –13 Switch-to-ground input pins
12
VBATP
Power
Battery Input
Battery supply input pin. Pin requires external reverse battery protection
13
WAKE_B
Input/Output
Wake-up
Open drain wake-up output. Designed to control a power supply enable pin.
Input used to allow a wake-up from an external event.
25
INT_B
Input/Output
Interrupt
Open-drain output to MCU. Used to indicate an input switch change of state.
Used as an input to allow wake-up from LPM via an external INT_B falling
event.
26
AMUX
Output
Analog Multiplex Output
Analog multiplex output
27
VDDQ
Input
Voltage Drain Supply
3.3 V/5.0 V supply. Sets SPI communication level for the MISO driver and I/
O level buffer
Transparent Top View
1
2
3
4
5
6
7
8
9
101112
13
14
15
16
32 31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
SP0
SP1
SP2
SP3
SG0
SG1
SG2
SG3
SP7
SP6
SP5
SP4
SG13
SG12
SG11
SG10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com