Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 42Page - NXP Semiconductors CD1020 Datasheet HTML 43Page - NXP Semiconductors CD1020 Datasheet HTML 44Page - NXP Semiconductors CD1020 Datasheet HTML 45Page - NXP Semiconductors CD1020 Datasheet HTML 46Page - NXP Semiconductors CD1020 Datasheet HTML 47Page - NXP Semiconductors CD1020 Datasheet HTML 48Page - NXP Semiconductors CD1020 Datasheet HTML 49Page - NXP Semiconductors CD1020 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
NXP Semiconductors
46
CD1020
The fault/status diagnostic capability consists of one internal 24-bit register. The content of the fault/status register is shown in Table 38.
Bits 0 – 21 show the status of each input where logic [1] is a closed switch and logic [0] is an open switch. In addition to input status
information, fault status such as die over-temp, Hash fault, SPI errors, as well as interrupts are reported.
A SPI read cycle is initiated by a CS_B logic ‘1’ to ‘0’ transition, followed by 32 SCLK cycles to shift the fault/status registers out the MISO
pin. The INT_B pin is cleared 1.0 ms after the falling edge of CS_B. The fault is immediately set again if the fault condition is still present.
The Fault Status bit sets any time a Fault occurs, and the Fault register (Table 39) must be read in order to clear the Fault status flag.
The intflg bit sets anytime an interrupt event occurs (change of state on switch, any fault status bit gets set). Any SPI message that will
return intflg bit will clear this flag, even if the event is still occurring. For example an overtemp, will cause an interrupt. The interrupt can
be cleared but the chip will not interrupt again, based on the overtemp until that fault has gone away.
Bit 23 : Fault Status:
• 0 = No Fault
• 1 = Indicates a fault has occurred and should be viewed in the fault status register.
Bit 22 : Intflg:
• 0 = No Change of state
• 1 = Change of state detected.
Bit 21 – 0 : SPx /SGx input status:
• 0 = Open switch
• 1 = Closed switch
Table 37. Read switch status command
Register address
R
SPI data bits [23 – 0]
[31–25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0011_111
0
FAULT
STATUS
INTflg
SP7
SP6
SP5
SP4
SP3
SP2
Default After POR
1
1
XXX
XXX
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
SP1
SP0
SG13
SG12
SG11
SG10
SG9
SG8
X
XXXX
XXX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SG7SG6
SG5SG4
SG3SG2
SG1SG0
X
XXXX
XXX
MISO return word
bit [23]
bit [22]
bits [21–14]
bits [13–0]
0011_1110
FAULT
STATUS
INTflg
SP7 –SP0 Switch Status
SG13 – SG0 Switch Status
Table 38. MISO output register definition
MISO
Response
Sends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com