Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 6Page - NXP Semiconductors CD1020 Datasheet HTML 7Page - NXP Semiconductors CD1020 Datasheet HTML 8Page - NXP Semiconductors CD1020 Datasheet HTML 9Page - NXP Semiconductors CD1020 Datasheet HTML 10Page - NXP Semiconductors CD1020 Datasheet HTML 11Page - NXP Semiconductors CD1020 Datasheet HTML 12Page - NXP Semiconductors CD1020 Datasheet HTML 13Page - NXP Semiconductors CD1020 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
NXP Semiconductors
10
CD1020
Switch input
ILEAKSG_GND
Leakage (SGx/SPx pins) to GND
• Inputs tri-stated, analog mux selected for each input, voltage at
SGx = VBATP
——
2.0
μA
ILEAKSG_BAT
Leakage (SGx/SPx pins) to battery
• Inputs tri-stated, analog mux selected for each input, voltage at
SGx = GND
——
2.0
μA
ISUSSG
SG sustain current / mode 0 wetting current
• VBATP 6.0 to 28 V
1.6
2.0
2.4
mA
ISUSSB
SB sustain current / mode 0 wetting current
1.75
2.2
2.85
mA
IWET
Wetting current level (SG and SB)
• Mode 1 = 8 mA
• Mode 2 = 12 mA
• Mode 3 = 16 mA
—
8
12
16
—mA
IWETSG
SG wetting current tolerance
• Mode 1 to 3
—20
—
%
IWETSB
SB wetting current tolerance
• Mode 1 to 3
—20
—
%
VICTHR
Switch detection threshold
3.7
4.0
4.3
V
(17)
VICTHRLPM
Switch detection threshold low-power mode (SG only)
100
—
300
mV
(18)
VICTHRH
Switch detection threshold hysteresis (4.0 V threshold)
80
—
300
mV
VICTH2P5
Input threshold 2.5 V,
• Used for Comp Only
2.0
2.5
3.0
V
IACTIVEPOLLSG
Low-power mode polling current SG
• VBATP 6.0 V to 28 V
0.7
1.0
1.44
mA
IACTIVEPOLLSB
Low-power mode polling current SB
1.75
2.2
2.85
mA
Digital interface
IHZ
Tri-state leakage current (MISO)
• VDDQ = 0.0 to VDDQ
–2.0
—
2.0
μA
VINLOGIC
Input logic voltage thresholds
• SI, SCLK, CS_B, INT_B
VDDQ * 0.25
—
VDDQ * 0.7
V
VINLOGICHYS
Input logic hysteresis
• SI, SCLK, CS_B, INT_B
300
—
—
mV
VINLOGICWAKE
Input logic voltage threshold WAKE_B
0.8
1.25
1.7
V
VINWAKEBHYS
Input logic voltage hysteresis WAKE_B
200
—
800
mV
ISCLK, IMOSI
SCLK / MOSI input current
• SCLK / MOSI = 0 V
–3.0
—
3.0
µA
ISCLK, IMOSI
SCLK / MOSI pulldown current
• SCLK / MOSI = VDDQ
30
—
100
µA
ICS_BH
CS_B input current
• CS_B = VDDQ
–10
—
10
µA
RCS_BL
CS_B pull-up resistor to VDDQ
• CS_B = 0.0 V
40
125
270
k
Ω
VOHMISO
MISO high-side output voltage
•IOHMISO = –1.0 mA
VDDQ – 0.8
—
VDDQ
V
Table 6. Static electrical characteristics (continued)
TA = –40 °C to +125 °C, VDDQ = 3.1 V to 5.25 V, VBATP = 6.0 V to 28.0 V, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com