Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 1 Page - NXP Semiconductors

  CD1020 Datasheet HTML 1Page - NXP Semiconductors CD1020 Datasheet HTML 2Page - NXP Semiconductors CD1020 Datasheet HTML 3Page - NXP Semiconductors CD1020 Datasheet HTML 4Page - NXP Semiconductors CD1020 Datasheet HTML 5Page - NXP Semiconductors CD1020 Datasheet HTML 6Page - NXP Semiconductors CD1020 Datasheet HTML 7Page - NXP Semiconductors CD1020 Datasheet HTML 8Page - NXP Semiconductors CD1020 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Document Number: CD1020
Rev. 4, 7/2019
NXP Semiconductors
Technical Data
© NXP B.V. 2019.
22 channel multiple switch detection
interface
The CD1020 is a cost optimized switch detection interface device (MSDI)
designed to detect the closing and opening of up to 22 switch contacts. The
switch status, either open or closed, is transferred to the microprocessor unit
(MCU) through a Serial Peripheral Interface (SPI). This SMARTMOS device also
features a 22-to-1 analog multiplexer for reading the input channels as analog
inputs. The analog selected input signal is buffered and provided on the AMUX
output pin for the MCU to read.
The CD1020 device has two modes of operation, normal and low-power mode
(LPM). Normal mode allows programming of the device and supplies switch
contacts with pull-up or pull-down current as it monitors the change of state on
the switches. The LPM provides low quiescent current, which makes the
CD1020 ideal for automotive and industrial products requiring low sleep-state
currents.
The low cost MSDI is available in high power, space saving wettable flank
5x5 mm QFN package.
Features
• Fully functional operation 6.0 V ≤ VBATP ≤ 36 V
• Full parametric operation 6.0 V ≤ VBATP ≤ 28 V
• Operating switch input voltage range from –1.0 V to 36 V
• Eight programmable inputs (switches to battery or ground)
• 14 switch-to-ground inputs
• Selectable wetting current (2, 8, 12, 16 mA)
• Interfaces directly to an MCU using 3.3 V / 5.0 V SPI protocol
• Selectable wake-up on change of state
• Typical standby current IBATP = 30 μA and IDDQ = 10 μA
• Active interrupt (INT_B) on change-of-switch state
Figure 1. CD1020 simplified application diagram
MULTIPLE SWITCH DETECTION INTERFACE
CD1020
Applications
• Automotive
• Heating ventilation and air conditioning (HVAC)
• Lighting
• Central gateway/in-vehicle networking
• Gasoline engine management
ES SUFFIX (PB-FREE)
98ASA00656D
32-PIN QFN (WF-TYPE)
SP0
SG12
SG13
SG0
SP7
SP1
Battery
VBATP
VDDQ
MISO
MOSI
SCLK
AMUX
EP
GND
WAKE_B
Battery
Power
Supply
Power
Supply
VDDQ
MCU
MISO
MOSI
SCLK
AN0
INT_B
CS_B
CSB
INTB
SG1
CD1020


Similar Part No. - CD1020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CD1020 NXP-CD1020 Datasheet
779Kb / 61P
22-channel multiple switch detection interface
Rev. 5 - 20 August 2024
CD1020 NXP-CD1020_V01 Datasheet
779Kb / 61P
22-channel multiple switch detection interface
Rev. 5 - 20 August 2024
More results

Similar Description - CD1020

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
33993 FREESCALE-33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
MC33978 NXP-MC33978 Datasheet
2Mb / 68P
22 channel multiple switch detection interface with programmable wetting current
Rev. 9, 1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com