Electronic Components Datasheet Search
  English  ▼

X  

CD1020 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 35Page - NXP Semiconductors CD1020 Datasheet HTML 36Page - NXP Semiconductors CD1020 Datasheet HTML 37Page - NXP Semiconductors CD1020 Datasheet HTML 38Page - NXP Semiconductors CD1020 Datasheet HTML 39Page - NXP Semiconductors CD1020 Datasheet HTML 40Page - NXP Semiconductors CD1020 Datasheet HTML 41Page - NXP Semiconductors CD1020 Datasheet HTML 42Page - NXP Semiconductors CD1020 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
39
NXP Semiconductors
CD1020
7.10.12 Low-power mode configuration
The device has poll[3-0] to set the normal polling rate for the IC. The polling rate is the time between polling events. The current sources
become active at this time for a time of tACTIVESGPOLLING or tACTIVESBPOLLING for SG or SB channels respectively.
Table 23. Low-power mode configuration register
Register address
R/W
SPI data bits [23 – 0]
[31–25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0001_111
0/1
Unused
Default on POR
000
0000
0
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
Unused
000
0000
0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Unused
poll3
poll2
poll1
poll0
000
0111
1
MISO return word
bit [23]
bit [22]
bits [21 – 0]
0001_111[R/W]
FAULT
STATUS
INTflg
Register Data
Table 24. Low-power mode configuration bits definition
Bit
Functions
Default value
Description
23 – 4
Unused
0
Unused
3 – 0
poll[3–0]
1111
Set the polling rate for switch detection
• 0000 – 3.0 ms
• 0001 – 6.0 ms
• 0010 – 12 ms
• 0011 – 24 ms
• 0100 – 48 ms
• 0101 – 68 ms
• 0110 – 76 ms
• 0111 – 128 ms
• 1000 – 32 ms
• 1001 – 36 ms
• 1010 – 40 ms
• 1011 – 44 ms
• 1100 – 52 ms
• 1101 – 56 ms
• 1110 – 60 ms
• 1111 – 64 ms (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com