Electronic Components Datasheet Search
  English  ▼

X  

Z8932320FSC Datasheet(PDF) 32 Page - Zilog, Inc.

Part # Z8932320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 32 Page - Zilog, Inc.

Back Button Z8932320FSC Datasheet HTML 28Page - Zilog, Inc. Z8932320FSC Datasheet HTML 29Page - Zilog, Inc. Z8932320FSC Datasheet HTML 30Page - Zilog, Inc. Z8932320FSC Datasheet HTML 31Page - Zilog, Inc. Z8932320FSC Datasheet HTML 32Page - Zilog, Inc. Z8932320FSC Datasheet HTML 33Page - Zilog, Inc. Z8932320FSC Datasheet HTML 34Page - Zilog, Inc. Z8932320FSC Datasheet HTML 35Page - Zilog, Inc. Z8932320FSC Datasheet HTML 36Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
Z89223/273/323/373
16-Bit Digital Signal Processors with A/D Converter
ZiLOG
32
DS000202-DSP0599
BANK/EXT REGISTER ASSIGNMENTS (Continued)
Interrupt Polarity RegisterÑBank14/EXT6
The trigger polarities, rising-edge or falling-edge, of all the
external interrupts are programmable.
Wait-State Control RegisterÑBank15/EXT3
The Wait-State Control Register enables the insertion of
wait states when the DSP accesses slow peripherals. This
register enables the insertion of one wait state on the ED
bus, providing 100 ns of access time instead of 50 ns when
operating at 20 MHz. When more than one wait state is nec-
essary, input pin P2.4/ WAIT can be used to provide addi-
tional wait states. The Wait-State Register enables the user
to specify which EXT registers, EXT0–EXT6, and which
operation, read and/or write, require a wait state. EXT7 is
an internal register, and requires no wait state.
Figure 22. Interrupt Polarity Register
D7
D6
D5
D4
D3
D2
D1 D0
D15 D14 D13 D12 D11 D10
D9
D8
Bank 14/Ext 6 Reg
INT0 Polarity
0 : Rising Edge (default)
1 : Falling Edge
INT1 Polarity
0 : Rising Edge (default)
1 : Falling Edge
INT2 Polarity
0 : Rising Edge (default)
1 : Falling Edge
Bits [15:3]—Reserved
Figure 23. Wait-State Control Register
D7
D6
D5
D4
D3
D2
D1
D0
D15 D14 D13 D12 D11 D10
D9
D8
Bank15/EXT3 Reg
Wait-State EXT6
Wait-State EXT0
Bit14: 0 = Disabled WAIT Input Pin (default)
1 = Enabled P2.4 as WAIT Input Pin
Bit 15: 0 = Disabled UO0, UO1 (default)
1 = Enable UO0, UO1
Wait-State EXT5
Wait-State EXT4
Wait-State EXT3
Wait-State EXT2
Wait-State EXT1
00 = read (nws), write (nws)
01 = read (nws), write (nws)
10 = read (ws), write (ws)
11 = read (ws), write (ws)
nws = no wait state
ws = one wait state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com