Electronic Components Datasheet Search
  English  ▼

X  

Z8932320FSC Datasheet(PDF) 44 Page - Zilog, Inc.

Part # Z8932320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 44 Page - Zilog, Inc.

Back Button Z8932320FSC Datasheet HTML 40Page - Zilog, Inc. Z8932320FSC Datasheet HTML 41Page - Zilog, Inc. Z8932320FSC Datasheet HTML 42Page - Zilog, Inc. Z8932320FSC Datasheet HTML 43Page - Zilog, Inc. Z8932320FSC Datasheet HTML 44Page - Zilog, Inc. Z8932320FSC Datasheet HTML 45Page - Zilog, Inc. Z8932320FSC Datasheet HTML 46Page - Zilog, Inc. Z8932320FSC Datasheet HTML 47Page - Zilog, Inc. Z8932320FSC Datasheet HTML 48Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Z89223/273/323/373
16-Bit Digital Signal Processors with A/D Converter
ZiLOG
44
DS000202-DSP0599
GENERAL-PURPOSE COUNTER/TIMER (C/T2) (Continued)
Figure 38. Counter/Timer2 Control Register
D7 D6
D5 D4 D3
D2 D1 D0
D15 D14 D13 D12 D11 D10 D9
D8
Bank 15/EXT2
Port2 I/O Directions
0 = Input (default)
1 = Output
Port3
0 = Disabled (default)
1 = Enabled
INT0
0 = Disabled (default)
1 = Enabled
Port2 Outputs
0 = Push-Pull (default)
1 = Open-Drain
Counter/Timer2
0 = Disabled (default)
1 = Enabled
Counter/Timer2 Operation
0 = Stopped (default)
1 = Counting
If D15 = 0, Counter/Timer2 Clock defined by
0 = System Clock/2 (default)
1 = UI2
If D15 = 1, Counter/Timer2 Sleep Mode Wake-Up
0 = Disabled (default)
1 = Enabled
TMO2
Counter/Timer2 Clock
0 = Disabled (default)
1 = Enabled
0 = Defined by D13 (default)
1 = CLKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com