Electronic Components Datasheet Search
  English  ▼

X  

Z8932320FSC Datasheet(PDF) 36 Page - Zilog, Inc.

Part # Z8932320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 36 Page - Zilog, Inc.

Back Button Z8932320FSC Datasheet HTML 32Page - Zilog, Inc. Z8932320FSC Datasheet HTML 33Page - Zilog, Inc. Z8932320FSC Datasheet HTML 34Page - Zilog, Inc. Z8932320FSC Datasheet HTML 35Page - Zilog, Inc. Z8932320FSC Datasheet HTML 36Page - Zilog, Inc. Z8932320FSC Datasheet HTML 37Page - Zilog, Inc. Z8932320FSC Datasheet HTML 38Page - Zilog, Inc. Z8932320FSC Datasheet HTML 39Page - Zilog, Inc. Z8932320FSC Datasheet HTML 40Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
Z89223/273/323/373
16-Bit Digital Signal Processors with A/D Converter
ZiLOG
36
DS000202-DSP0599
I/O PORTS (Continued)
Port2Ñ8-Bit Programmable I/O
Bank15/EXT2 is the Port2 control register. The LSB is the
Port2 direction control. Port2 data is accessed as the MSB
of EXT5 in Banks 0,1,or 5. The Port2 pins can also be
mapped to internal functions. When INT0, INT1, TMO0,
TMO1, WAIT, UI2, or TMO2 are enabled, they use Port2
pins. The 44-pin packages do not feature Port2 pins
P2.7–P2.5.
Table 17. Port2 Bit Function Allocation
Port Pin
IF
Condition
Then
Else
P2.0/INT0
Bank15/EXT2 Bit 9 = 1
Enable INT0
INT0
P2.0
P2.1/INT1
Bank15/EXT1 Bit 4 = 1
Enable INT1
INT1
P2.1
P2.2/TMO0
Bank13/EXT1 Bit [6,5] = 10, or
Bank14/EXT1 Bit [6,5] = 10
Enable TMO0
TMO0
P2.2
P2.3/TMO1
Bank13/EXT1 Bit [6,5] = 11, or
Bank14/EXT1 Bit [6,5] = 11
Enable TMO1
TMO1
P2.3
P2.4/WAIT
Bank15/EXT3 Bit 14 = 1
Enable WAIT
WAIT
P2.4
P2.5/UI2
Bank15/EXT2 Bit 13 = 1
C/T2 clock is UI2
UI2
P2.5
P2.6/TMO2
Bank15/EXT2 Bits 14 = 1
Enable TMO2
TMO2
P2.6
P2.7
P2.7
P2.7
Figure 27. Bank15/EXT2 Register
D7 D6
D5 D4 D3
D2 D1
D0
D15 D14 D13 D12 D11 D10 D9
D8
Bank 15/EXT2
Port2 I/O Directions
0 = Input (default)
1 = Output
Port3
0 = Disabled (default)
1 = Enabled
INT0
0 = Disabled (default)
1 = Enabled
Port2 Outputs
0 = Push-Pull (default)
1 = Open-Drain
Counter/Timer2
0 = Disabled (default)
1 = Enabled
Counter/Timer2 Operation
0 = Stopped (default)
1 = Counting
If D15 = 0, Counter/Timer2 Clock defined by
0 = System Clock/2 (default)
1 = UI2
If D15 = 1, Counter/Timer2 Sleep Mode Wake-Up
0 = Disabled (default)
1 = Enabled
TMO2
Counter/Timer2 Clock
0 = Disabled (default)
1 = Enabled
0 = Defined by D13 (default)
1 = CLKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com