Electronic Components Datasheet Search
  English  ▼

X  

Z8932320FSC Datasheet(PDF) 40 Page - Zilog, Inc.

Part # Z8932320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 40 Page - Zilog, Inc.

Back Button Z8932320FSC Datasheet HTML 36Page - Zilog, Inc. Z8932320FSC Datasheet HTML 37Page - Zilog, Inc. Z8932320FSC Datasheet HTML 38Page - Zilog, Inc. Z8932320FSC Datasheet HTML 39Page - Zilog, Inc. Z8932320FSC Datasheet HTML 40Page - Zilog, Inc. Z8932320FSC Datasheet HTML 41Page - Zilog, Inc. Z8932320FSC Datasheet HTML 42Page - Zilog, Inc. Z8932320FSC Datasheet HTML 43Page - Zilog, Inc. Z8932320FSC Datasheet HTML 44Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Z89223/273/323/373
16-Bit Digital Signal Processors with A/D Converter
ZiLOG
40
DS000202-DSP0599
PERIPHERALS (Continued)
Counter/Timers (C/T0 and C/T1)
The Z893x3 features two 16-bit Counter/Timers (C/T) that
can be independently configured to operate in various
modes. Each is implemented as a 16-bit Load Register and
a 16-bit down counter. Either C/T input can be selected from
UI0 or UI1. Either C/T output can be directed to TMO0 or
TMO1. The C/T clock is a scaled version of the system
clock. Each C/T features an 8-bit prescaler. The clock rates
of the two C/T are independent of each other. The C/Ts can
be programmed to recognize clock events on the rising
edge, the falling edge, or both rising and falling edges of
the input signal. Outputs on TMO0 or TMO1 can be pro-
grammed to occur with either polarity.
If either C/T is enabled and an output pin TMO0 or TMO1
is selected, and at the same time User Outputs are enabled,
the C/T takes precedence, and Status Register bits 5 or 6
do not affect the state of the selected pin.
C/T Modes of Operation:
MODE 0—Square Wave Output.
The C/T is configured
to generate a continuous square wave of 50% duty cycle.
Writing a new value to the TMLR Register takes effect at
the end of the current cycle, unless TMR is written.
MODE 1—Retriggerable One-Shot.
The C/T is config-
ured to generate a single pulse of programmable duration.
The pulse may be either logic High or logic Low. Retrig-
gering the one-shot before the end of the pulse causes it to
retrigger for a new duration.
MODE 2—8-Bit PWM.
The C/T is configured to generate
a pulse-width modulated waveform. The duty cycle ranges
from 0–100% (0/256 to 255/256; 8-bits) of a cycle in steps
of 1/256 of a cycle. The asserted state of the waveform may
be either logic High or logic Low. Writing a new pulse-
width value to the TMLR Register takes effect at the end
of current cycle, unless TMR is written.
MODE 3—16-Bit PWM.
The C/T is configured to generate
a pulse-width modulated waveform. The duty cycle ranges
from 0–100% (0/65,536 to 65,535/65,536; 16-bits) of a cy-
cle in steps of 1/65,536 of a cycle. The asserted state of the
waveform may be either logic High or logic Low. Writing
a new pulse-width value to the TMLR Register takes effect
at the end of current cycle, unless TMR is written.
MODE 4—Finite Pulse String Generator.
The C/T is
configured to generate 1 to 65,535 pulses. The output pulses
are actually from the Timer Clock Prescaler divided by 2
(TMCLK). They are gated to the output until the Timer
Down-Counter underflows.
MODE 5—Externally Clocked One-Shot.
The C/T is
configured to generate an output pulse. The pulse may be
either logic High or logic Low. It is deasserted when a pro-
grammable number of input events (up to 65,535) occur on
the input pin, UI0 or UI1.
MODE 6—Software Watch-Dog Timer.
The C/T is con-
figured to generate a Hardware Reset on time-out, unless
retriggered by software.
MODE 7—Hardware Watch-Dog Timer.
The C/T is con-
figured to generate a Hardware Reset on time-out unless re-
triggered by an event on the input pin, UI0 or UI1.
MODE 8—Pulse Stopwatch.
The C/T is configured to
measure the time during which its input is asserted.
MODE 9—Edge-to-Edge Stopwatch.
The C/T is config-
ured to measure the period from one rising (falling) edge
to the next rising (falling) edge on the input.
MODE 10—Edge Counter.
The C/T is configured to count
a number of input edges (up to 65,535). Input edges may
be selected as rising or falling or both.
MODE 11—Gated Edge Counter.
The C/T is configured
to count the number of input edges (up to 65,535) in a time
window set by the second timer. Edges are counted until the
second timer underflows. Input edges may be selected as
rising, falling, or both.
Figure 31. Counter/Timer 0 and 1 Block Diagram
15
15
8 7
0
UI1 UI0
TPLR
0
TMLR
TMR
TPR
Timer Load Register
16-Bit Down Counter
15
0
TMCLKOUT =
TMCLK
(TMR + 1)
TMCLKIN =
System Clock
System Clock
8-Bit Counter
Prescaler Value
Zeros
80h
1
÷2
MUX
MUX
2 x (TPR + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com