Electronic Components Datasheet Search
  English  ▼

X  

Z8932320FSC Datasheet(PDF) 48 Page - Zilog, Inc.

Part # Z8932320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 48 Page - Zilog, Inc.

Back Button Z8932320FSC Datasheet HTML 44Page - Zilog, Inc. Z8932320FSC Datasheet HTML 45Page - Zilog, Inc. Z8932320FSC Datasheet HTML 46Page - Zilog, Inc. Z8932320FSC Datasheet HTML 47Page - Zilog, Inc. Z8932320FSC Datasheet HTML 48Page - Zilog, Inc. Z8932320FSC Datasheet HTML 49Page - Zilog, Inc. Z8932320FSC Datasheet HTML 50Page - Zilog, Inc. Z8932320FSC Datasheet HTML 51Page - Zilog, Inc. Z8932320FSC Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Z89223/273/323/373
16-Bit Digital Signal Processors with A/D Converter
ZiLOG
48
DS000202-DSP0599
SYSTEM CLOCK GENERATOR (Continued)
mined by the PLL Divisor value in the MSB of the Clock
Control Register, Bank15/EXT5:
VCO Frequency = 4 x PLL Divisor x PLL In Frequency.
The PLL Divisor value should be between 1 and156 to ob-
tain a VCO Frequency between 128 kHz and 20 MHz from
a 32-kHz input.
There are four options for PLL Out: VCO Out, VCO Out
divided by 2, VCO Out divided by four, or twice the crystal
frequency. This selection is determined by the PLL Out Se-
lect bits in the Clock Control Register.
Note: The PLL is designed and tested to operate with an input
frequency of approximately 32 kHz. It is possible to
drive the input with a crystal or user-generated clock at
some other frequency, but the results are not guaranteed.
Sleep Modes
The Z893x3 supports various Clock Modes to minimize de-
vice power consumption. The lowest power mode is Deep
Sleep in which the System Clock is stopped, and the VCO
and XTAL Oscillator are both turned off.
Wake-Up From Sleep Modes
The Wake-up Trigger Source is specified by bits 5 and 6
of the Clock Control Register. The polarity of the Wake-
up signal is defined by bit 7. Wake-up occurs when the
wake-up signal is toggled to the specified wake-up polarity.
Wake-up resumes operation starting from the reset vector
address in the same way the chip responds to an external
RESET.
Table 23. Standard Clock Mode Summary
Mode
CLKI
Src
Stop
XTAL
Osc.
Stop
VCO
Sys
Clk
Sel
Power-up/Reset
(default)
XTAL,
User
00
0
PLL Clock
XTAL
0
0
1
Crystal Oscillator
Direct
XTAL
0
1
0
External Clock Direct
User
1
1
0
Deep Sleep
(lowest power)
XTAL,
User
11
1
Figure 43. System Clock Control Register
D7
D6
D5
D4
D3
D2 D1
D0
D15 D14 D13 D12 D11 D10 D9
D8
Bank 15/Ext 5 Reg
STOP Recovery Level
0 : Low (Default setting after reset)
1 : High
STOP_VCO
0 : VCO Running
1 : Stop VCO
BYPASS_PLL
0 : Clock Source is Oscillator
1 : Clock Source is VCO
DSP (System) Clock Source
00 : VCO Clock
01 : VCO Clock Divided by 2
10 : VCO Clock Divided by 4
11 : Twice the Crystal Frequency
Recovery Source
00 : POR (Power-On Reset) or
Port 2, Bit 0 (INT0)
01 : POR or Port 1, Bit 4 (SS)
10 : POR or Port 1, Bit 6 (UI0)
11 : POR or Port 2, Bit 0 or
Port 1, Bit 4 or Port 1, Bit 6
Programmable PLL Divider Register
System Clock = Bits 15Ð8 x 4 x Crystal Frequency (32.768 kHz)
STOP_OSC
0 : Oscillator Running
1 : Stop Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com