Electronic Components Datasheet Search
  English  ▼

X  

Z8932320FSC Datasheet(PDF) 59 Page - Zilog, Inc.

Part # Z8932320FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8932320FSC Datasheet(HTML) 59 Page - Zilog, Inc.

Back Button Z8932320FSC Datasheet HTML 52Page - Zilog, Inc. Z8932320FSC Datasheet HTML 53Page - Zilog, Inc. Z8932320FSC Datasheet HTML 54Page - Zilog, Inc. Z8932320FSC Datasheet HTML 55Page - Zilog, Inc. Z8932320FSC Datasheet HTML 56Page - Zilog, Inc. Z8932320FSC Datasheet HTML 57Page - Zilog, Inc. Z8932320FSC Datasheet HTML 58Page - Zilog, Inc. Z8932320FSC Datasheet HTML 59Page - Zilog, Inc. Z8932320FSC Datasheet HTML 60Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
Z89223/273/323/373
ZiLOG
16-Bit Digital Signal Processors with A/D Converter
DS000202-DSP0599
59
ORDERING INFORMATION
For fast results, contact your local ZiLOG sales office for
assistance in ordering the part required.
CODES
Package Type
ROM
OTP
44-Pin PLCC
Z8922320VSC
Z8927320VSC
Z8922320VEC
44-Pin PQFP
Z8922320FSC
Z8922320FEC
64-Pin TQFP
Z8932320ASC
Z8937320ASC
Z8932320AEC
68-Pin PLCC
Z8932320VSC
Z8937320VSC
Z8932320VEC
80-Pin PQFP
Z8932320FSC
Z8937320FSC
Z8932320FEC
Package
V = PLCC
A = TQFP
F = PQFP
Temperature
S = 0°C to +70°C
E = –40°C to 85°C
Speed
20 = 20 MHz
Environmental
C = Plastic Standard
Example:
Z 89323
20
V
S
C
Environmental Flow
Temperature
Package
Speed/Bond Out Option
Product Number
ZiLOG Prefix
is a Z89323, 20 MHz, PLCC, 0°C to +70°C, Plastic Standard Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com