Electronic Components Datasheet Search
  English  ▼

X  

AD4116 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4116 Datasheet HTML 28Page - Analog Devices AD4116 Datasheet HTML 29Page - Analog Devices AD4116 Datasheet HTML 30Page - Analog Devices AD4116 Datasheet HTML 31Page - Analog Devices AD4116 Datasheet HTML 32Page - Analog Devices AD4116 Datasheet HTML 33Page - Analog Devices AD4116 Datasheet HTML 34Page - Analog Devices AD4116 Datasheet HTML 35Page - Analog Devices AD4116 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
AD4116
Data Sheet
Rev. 0 | Page 32 of 59
DIGITAL FILTER
The AD4116 has three flexible filter options to allow
optimization of noise, settling time, and rejection:
•
The sinc5 + sinc1 filter.
•
The sinc3 filter.
•
Enhanced 50 Hz and 60 Hz rejection filters.
SINC1
SINC5
SINC3
50Hz AND 60Hz
POSTFILTER
Figure 44. Digital Filter Block Diagram
The filter and output data rate are configured by setting the
appropriate bits in the filter configuration register for the selected
setup. Each channel can use a different setup and therefore, a
different filter and output data rate. See the Register Details for
more information.
SINC5 + SINC1 FILTER
The sinc5 + sinc1 filter is targeted at multiplexed applications
and achieves single cycle settling at output data rates of 5.195 kSPS
and less. The sinc5 block output is fixed at the maximum rate of
62.5 kSPS, and the sinc1 block output data rate can be varied to
control the final ADC output data rate. Figure 45 shows the
frequency domain response of the sinc5 + sinc1 filter at a 50 SPS
output data rate. The sinc5 + sinc1 filter has a slow roll-off over
frequency and narrow notches.
0
–120
0
150
100
50
FREQUENCY (Hz)
–100
–80
–60
–40
–20
Figure 45. Sinc5 + Sinc1 Filter Response at 50 SPS ODR
The output data rates with the accompanying settling time and
rms noise for the sinc5 + sinc1 filter are shown in in Table 7
and Table 9.
SINC3 FILTER
The sinc3 filter achieves the best single-channel noise performance
at lower rates and is, therefore, most suitable for single-channel
applications. The sinc3 filter always has a settling time equal to
tSETTLE = 3/Output Data Rate
Figure 46 shows the frequency domain filter response for the
sinc3 filter. The sinc3 filter has good roll-off over frequency and
has wide notches for good notch frequency rejection.
0
–120
0
150
100
50
FREQUENCY (Hz)
–100
–80
–60
–40
–20
–110
–90
–70
–50
–30
–10
Figure 46. Sinc3 Filter Response
The output data rates with the accompanying settling time and
rms noise for the sinc3 filter are shown in Table 8 and Table 10.
It is possible to fine tune the output data rate for the sinc3 filter by
setting the SINC3_MAPx bit in the filter configuration registers.
If this bit is set, the mapping of the filter register changes to directly
program the decimation rate of the sinc3 filter. All other options
are eliminated. The data rate when on a single channel can be
calculated using the following equation:
Output Data Rate = fMOD/(32 × FILTCONx[14:0])
where:
fMOD is the modulator rate (MCLK/2) and is equal to 2 MHz.
FILTCONx[14:0] are the contents on the filter configuration
registers, excluding the MSB.
For example, an output data rate of 50 SPS can be achieved with
SINC3_MAPx enabled by setting the FILTCONx[14:0] bits to a
value of 1,250.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com