Electronic Components Datasheet Search
  English  ▼

X  

AD4116 Datasheet(PDF) 30 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD4116 Datasheet HTML 26Page - Analog Devices AD4116 Datasheet HTML 27Page - Analog Devices AD4116 Datasheet HTML 28Page - Analog Devices AD4116 Datasheet HTML 29Page - Analog Devices AD4116 Datasheet HTML 30Page - Analog Devices AD4116 Datasheet HTML 31Page - Analog Devices AD4116 Datasheet HTML 32Page - Analog Devices AD4116 Datasheet HTML 33Page - Analog Devices AD4116 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
AD4116
Data Sheet
Rev. 0 | Page 30 of 59
2.5V VREF
0.1µF
0.1µF
ADR45252
3V TO 18V
0.1µF
4.7µF
AD4116
REF+
REF–
1
1
1
1
1
1 ALL DECOUPLING IS TO AVSS.
2 ANY OF THE ADR452x FAMILY REFERENCES CAN BE USED.
ADR4525 ENABLES REUSE OF THE 5V ANALOG SUPPLY
NEEDED FOR AVDD TO POWER THE REFERENCE VIN.
40
39
Figure 42. ADR4525 Connected to AD4116 REF± Pins
Table 20. Setup Configuration 0 Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x20
SETUPCON0
[15:8]
Reserved
BI_UNIPOLAR0
REFBUF0+
REFBUF0−
INBUF0
0x1000
RW
[7:0]
Reserved
Reserved
REF_SEL0
Reserved
Table 21. ADC Mode Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x01
ADCMODE
[15:8]
REF_EN
Reserved
SING_CYC
Reserved
Delay
0x2000
RW
[7:0]
Reserved
Mode
CLOCKSEL
Reserved
BUFFERED REFERENCE INPUT
The AD4116 has true rail-to-rail, integrated, precision unity
gain buffers on both ADC reference inputs. The buffers provide
the benefit of providing high input impedance and allowing
high impedance external sources to be directly connected to the
reference inputs. The integrated reference buffers can fully
drive the internal reference switch capacitor sampling network,
simplifying the reference circuit requirements. Each reference
input buffer amplifier is fully chopped, meaning that it minimizes
the offset error drift and 1/f noise of the buffer. When using a
reference, such as the ADR4525, these buffers are not required
because these references, with proper decoupling, can drive the
reference inputs directly.
CLOCK SOURCE
The AD4116 uses a nominal master clock of 4 MHz. The AD4116
can source its sampling clock from one of three sources:
•
An internal oscillator
•
An external crystal (use a 16 MHz crystal automatically
divided internally to set the 4 MHz clock)
•
An external clock source
All output data rates listed in this data sheet relate to a master
clock rate of 4 MHz. Using a lower clock frequency from, for
instance, an external source scales any listed data rate
proportionally. To achieve the specified data rates, particularly
rates for rejection of 50 Hz and 60 Hz, use a 4 MHz clock. The
source of the master clock is selected by setting the CLOCKSEL bits
(Bits[3:2]) in the ADC mode register. The default operation on
power-up and reset of the AD4116 is to operate with the internal
oscillator. It is possible to fine tune the output data rate and
filter notch at low output data rates using the SINC3_MAPx bits.
Internal Oscillator
The internal oscillator runs at 16 MHz and is internally divided
down to 4 MHz for the modulator and can be used as the ADC
master clock. The internal oscillator is the default clock source for
the AD4116 and is specified with an accuracy of −2.5% to +2.5%.
There is an option to allow the internal clock oscillator to be output
on the XTAL2/CLKIO pin. The clock output is driven to the
IOVDD logic level. This option can affect the dc performance of
the AD4116 due to the disturbance introduced by the output
driver. The extent to which the performance is affected depends
on the IOVDD voltage supply. Higher IOVDD voltages create a
wider logic output swing from the driver and affect performance
to a greater extent. This effect is further exaggerated if the
IOSTRENGTH bit is set at higher IOVDD levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com