Electronic Components Datasheet Search
  English  ▼

X  

AD4116 Datasheet(PDF) 9 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD4116 Datasheet HTML 5Page - Analog Devices AD4116 Datasheet HTML 6Page - Analog Devices AD4116 Datasheet HTML 7Page - Analog Devices AD4116 Datasheet HTML 8Page - Analog Devices AD4116 Datasheet HTML 9Page - Analog Devices AD4116 Datasheet HTML 10Page - Analog Devices AD4116 Datasheet HTML 11Page - Analog Devices AD4116 Datasheet HTML 12Page - Analog Devices AD4116 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 9 of 59
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to AVSS
−0.3 V to +6.5 V
AVDD to DGND
−0.3 V to +6.5 V
IOVDD to DGND
−0.3 V to +6.5 V
IOVDD to AVSS
−0.3 V to +7.5 V
AVSS to DGND
−3.25 V to +0.3 V
VINx to AVSS
−65 V to +65 V
ADCINx to AVSS
−0.3 V to AVDD + 0.3 V
Reference Input Voltage to AVSS
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to IOVDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to IOVDD + 0.3 V
Digital Input Current
10 mA
Temperature
Operating Range
−40°C to +105°C
Storage Range
−65°C to +150°C
Maximum Junction
150°C
Lead Soldering, Reflow
260°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
θJC is the thermal resistance from the junction to the package case.
Table 4. Thermal Resistance
Package Type1
θJA2
θJC3
Unit
CP-40-15
34
2.63
°C/W
1
4-layer JEDEC PCB.
2
Thermal impedance simulated values are based on JEDEC 2S2P thermal test
PCB with 16 thermal vias. θJA is specified for a device soldered on a JEDEC
test PCB for surface-mount packages. See JEDEC JESD-51.
3
A cold plate is attached to the PCB bottom and measured at the exposed paddle.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for AD4116
Table 5. AD4116, 40-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±1000
1C
CDM
±1250
C3
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com