Electronic Components Datasheet Search
  English  ▼

X  

AD4116 Datasheet(PDF) 3 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 3 Page - Analog Devices

  AD4116 Datasheet HTML 1Page - Analog Devices AD4116 Datasheet HTML 2Page - Analog Devices AD4116 Datasheet HTML 3Page - Analog Devices AD4116 Datasheet HTML 4Page - Analog Devices AD4116 Datasheet HTML 5Page - Analog Devices AD4116 Datasheet HTML 6Page - Analog Devices AD4116 Datasheet HTML 7Page - Analog Devices AD4116 Datasheet HTML 8Page - Analog Devices AD4116 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 3 of 59
GENERAL DESCRIPTION
The AD4116 is a low power, low noise, 24-bit, Σ-Δ analog-to-
digital converter (ADC) that integrates an analog front end
(AFE) for six fully differential or eleven single-ended, high
impedance (≥10 MΩ) bipolar, ±10 V voltage inputs. The
additional two differential or four single-ended/pseudo
differential direct ADC inputs provides excellent performance
at lower input ranges.
The AD4116 also integrates key analog and digital signal
conditioning blocks to configure eight individual setups for
each analog input channel in use. As many as 16 channels can
be enabled at any time. A channel is defined as any of the standard
analog voltage inputs or a low level direct ADC input. The
AD4116 features a maximum channel scan rate of 12,422 SPS
(80 µs) using a sinc5 + sinc1 filter and 20,618 SPS per channel
(48 µs) using a sinc3 filter.
The embedded 2.5 V, low drift (5 ppm/°C), band gap internal
reference (with output reference buffer) reduces the external
component count.
The digital filter allows flexible settings, including simultaneous
50 Hz and 60 Hz rejection at a 27.27 SPS output data rate. The
user can select between the different filter settings depending
on the demands of each channel in the application. The
automatic channel sequencer enables the ADC to switch
through each enabled channel.
The precision performance of the AD4116 is achieved by
integrating the proprietary iPassives® technology from Analog
Devices, Inc.
The AD4116 operates with a single power supply, making it
easy to use in galvanically isolated applications. The specified
operating temperature range is −40°C to +105°C. The AD4116
is housed in a 40-lead, 6 mm × 6 mm LFCSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com