Electronic Components Datasheet Search
  English  ▼

X  

AD4116 Datasheet(PDF) 11 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4116 Datasheet HTML 7Page - Analog Devices AD4116 Datasheet HTML 8Page - Analog Devices AD4116 Datasheet HTML 9Page - Analog Devices AD4116 Datasheet HTML 10Page - Analog Devices AD4116 Datasheet HTML 11Page - Analog Devices AD4116 Datasheet HTML 12Page - Analog Devices AD4116 Datasheet HTML 13Page - Analog Devices AD4116 Datasheet HTML 14Page - Analog Devices AD4116 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 11 of 59
Pin No.
Mnemonic1
Type2
Description
15
DIN
DI
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the
control registers in the ADC, with the register address (RA) bits of the communications register
identifying the appropriate register. Data is clocked in on the rising edge of SCLK.
16
SCLK
DI
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. SCLK has a Schmitt
triggered input.
17
CS
DI
Chip Select Input. The CS pin is an active low logic input used to select the ADC. Use CS to select the
ADC in systems with more than one device on the serial bus. CS can be hardwired low, allowing the
ADC to operate in 3-wire mode with SCLK, DIN, and DOUT/RDY used to interface with the device. When
CS is high, the DOUT/RDY output is tristated.
18
ERROR
DI/O
Error Input/Output or General-Purpose Output. The ERROR pin can be used in one of the following
three modes:
Active low error input mode. This mode sets the ADC_ERROR bit in the status register.
Active low, open-drain error output mode. The status register error bits are mapped to the ERROR pin.
The ERROR pins of multiple devices can be wired together to a common pull-up resistor so that an error
on any device can be observed.
General-purpose output mode. The status of the pin is controlled by the ERR_DAT bit in the GPIOCON
register. The pin is referenced between IOVDD and DGND.
19
SYNC
DI
Synchronization Input. Allows synchronization of the digital filters and analog modulators when using
multiple AD4116 devices.
20
IOVDD
P
Digital I/O Supply Voltage. The IOVDD voltage ranges from 2 V to 5.5 V (nominal). IOVDD is
independent of AVDD. For example, IOVDD can be operated at 3.3 V when AVDD equals 5 V, or vice
versa. If AVSS is set to −2.5 V, the voltage on IOVDD must not exceed 3.6 V.
21
DGND
P
Digital Ground.
22
REGCAPD
AO
Digital LDO Regulator Output. The REGCAPD pin is for decoupling purposes only. Decouple the
REGCAPD pin to DGND using a 1 µF capacitor.
23
GPIO0
DI/O
General-Purpose Input and Output 0. Logic input and output on the GPIO0 pin is referred to the AVDD
and AVSS supplies.
24
GPIO1
DI/O
General-Purpose Input and Output 1. Logic input and output on the GPIO1 pin is referred to the AVDD
and AVSS supplies.
25
GPO2
DO
General-Purpose Output 2. Logic output on the GPIO2 pin is referred to the AVDD and AVSS supplies.
26
VIN4
AI
Voltage Input 4. Input referenced to VINCOM in single-ended configuration, or a positive input of an
input pair with VIN5 in differential configuration.
27
VIN5
AI
Voltage Input 5. Input referenced to VINCOM in single ended configuration, or a negative input of an
input pair with VIN4 in differential configuration.
28
VIN6
AI
Voltage Input 6. Input referenced to VINCOM in single-ended configuration, or a positive input of an
input pair with VIN7 in differential configuration.
29
VIN7
AI
Voltage Input 7. Input referenced to VINCOM in single-ended configuration, or a negative input of an
input pair with VIN6 in differential configuration.
30
VIN8
AI
Voltage Input 8. Input referenced to VINCOM in single-ended configuration, or a positive input of an
input pair with VIN9 in differential configuration.
31
VIN9
AI
Voltage Input 9. Input referenced to VINCOM in single-ended configuration, or a negative input of an
input pair with VIN8 in differential configuration.
32
VIN10
AI
Voltage Input 10. Input referenced to VINCOM in single-ended configuration, or a positive input of an
input pair with VINCOM in differential configuration.
33
ADCIN11
AI
Low Level ADC Input 11. Input referenced to ADCIN15 in pseudo differential input, or a positive input of
an input pair with ADCIN12 in differential configuration.
34
ADCIN12
AI
Low Level ADC Input 12. Input referenced to ADCIN15 in pseudo differential input, or a negative input
of an input pair with ADCIN11 in differential configuration.
35
ADCIN13
AI
Low Level ADC Input 13. Input referenced to ADCIN15 in pseudo differential input, or a positive input of
an input pair with ADCIN14 in differential configuration.
36
ADCIN14
AI
Low Level ADC Input 14. Input referenced to ADCIN15 in pseudo differential input, or a negative input
of an input pair with ADCIN13 in differential configuration.
37
ADCIN15
AI
Low Level ADC Input 15. Low level inputs are referenced to the ADCIN15 pin when configured as
pseudo differential input, or a negative input of an input pair with any of the low level input pins in a
differential input.
38
GPO3
DO
General-Purpose Output 3. Logic output on the GPO3 pin is referred to the AVDD and AVSS supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com