Electronic Components Datasheet Search
  English  ▼

X  

AD4116 Datasheet(PDF) 20 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD4116 Datasheet HTML 16Page - Analog Devices AD4116 Datasheet HTML 17Page - Analog Devices AD4116 Datasheet HTML 18Page - Analog Devices AD4116 Datasheet HTML 19Page - Analog Devices AD4116 Datasheet HTML 20Page - Analog Devices AD4116 Datasheet HTML 21Page - Analog Devices AD4116 Datasheet HTML 22Page - Analog Devices AD4116 Datasheet HTML 23Page - Analog Devices AD4116 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
AD4116
Data Sheet
Rev. 0 | Page 20 of 59
Default ODR (SPS);
SING_CYC = 0 and
Single Channel Enabled
ODR (SPS per Channel);
SING_CYC = 1 or Multiple
Channels Enabled
Settling
Time1
Notch
Frequency
(Hz)
Noise
(μV rms)2
Effective
Resolution
(Bits)
Noise
(μV p-p)
Peak-to-Peak
Resolution
(Bits)
50
16.67
60.00 ms
50.00
0.3
23.99
1.98
21.27
20
6.67
150.00 ms
20.00
0.2
24
1.32
21.85
16.67
5.56
180.00 ms
16.67
0.17
24
1.122
22.09
10
3.33
300.00 ms
10.00
0.14
24
0.924
22.37
5
1.67
600.00 ms
5.00
0.098
24
0.6468
22.88
2.5
0.83
1.20 sec
2.50
0.068
24
0.4488
23.41
1.25
0.42
2.4 sec
1.25
0.06
24
0.396
23.59
1 The settling time is rounded to the nearest microsecond, which is reflected in the output data rate and channel switching rate. Channel switching rate = 1 ÷ settling time.
2 Based on 1000 samples for data rates ≥ 59.98 SPS per channel, and based on 100 samples for data rates ≤ 50 SPS per channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com