Electronic Components Datasheet Search
  English  ▼

X  

AD4116 Datasheet(PDF) 49 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD4116 Datasheet HTML 45Page - Analog Devices AD4116 Datasheet HTML 46Page - Analog Devices AD4116 Datasheet HTML 47Page - Analog Devices AD4116 Datasheet HTML 48Page - Analog Devices AD4116 Datasheet HTML 49Page - Analog Devices AD4116 Datasheet HTML 50Page - Analog Devices AD4116 Datasheet HTML 51Page - Analog Devices AD4116 Datasheet HTML 52Page - Analog Devices AD4116 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 49 of 59
REGISTER DETAILS
COMMUNICATIONS REGISTER
Address: 0x00, Reset: 0x00, Name: COMMS
All access to the on-chip registers must start with a write to the communications register. This write determines which register is
accessed next and whether that operation is a write or a read.
Table 25. Bit Descriptions for COMMS
Bits
Bit Name
Settings
Description
Reset
Access
7
WEN
This bit must be low to begin communications with the ADC.
0x0
W
6
R/W
This bit determines if the command is a read or write operation.
0x0
W
0
Write command.
1
Read command.
[5:0]
RA
The register address bits determine the register to be read from or written to as part
of the current communication.
0x00
W
000000
Status register.
000001
ADC mode register.
000010
Interface mode register.
000011
Register checksum register.
000100
Data register.
000110
GPIO configuration register.
000111
ID register.
010000
Channel 0 register.
010001
Channel 1 register.
010010
Channel 2 register.
010011
Channel 3 register.
010100
Channel 4 register.
010101
Channel 5 register.
010110
Channel 6 register.
010111
Channel 7 register.
011000
Channel 8 register.
011001
Channel 9 register.
011010
Channel 10 register.
011011
Channel 11 register.
011100
Channel 12 register.
011101
Channel 13 register.
011110
Channel 14 register.
011111
Channel 15 register.
100000
Setup Configuration 0 register.
100001
Setup Configuration 1 register.
100010
Setup Configuration 2 register.
100011
Setup Configuration 3 register.
100100
Setup Configuration 4 register.
100101
Setup Configuration 5 register.
100110
Setup Configuration 6 register.
100111
Setup Configuration 7 register.
101000
Filter Configuration 0 register.
101001
Filter Configuration 1 register.
101010
Filter Configuration 2 register.
101011
Filter Configuration 3 register.
101100
Filter Configuration 4 register.
101101
Filter Configuration 5 register.
101110
Filter Configuration 6 register.
101111
Filter Configuration 7 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com