Electronic Components Datasheet Search
  English  ▼

X  

AD4116 Datasheet(PDF) 17 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD4116 Datasheet HTML 13Page - Analog Devices AD4116 Datasheet HTML 14Page - Analog Devices AD4116 Datasheet HTML 15Page - Analog Devices AD4116 Datasheet HTML 16Page - Analog Devices AD4116 Datasheet HTML 17Page - Analog Devices AD4116 Datasheet HTML 18Page - Analog Devices AD4116 Datasheet HTML 19Page - Analog Devices AD4116 Datasheet HTML 20Page - Analog Devices AD4116 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 17 of 59
0
10
20
30
40
50
60
1
2
3
4
5
6
7
8
9
10
GAIN ERROR DRIFT (ppm/°C)
Figure 29. Gain Error Drift Distribution Histogram
(Voltage Input at 192.5 µs Settling)
0
10
20
30
40
50
60
70
80
90
–0.10
–0.07
–0.04
–0.01
0.02
0.05
0.08
TUE (%FSR)
–40°C
+25°C
+105°C
Figure 30. TUE Distribution Histogram (Voltage Input at 96.5 µs Settling)
0
1
2
3
4
5
6
7
8
9
10
2
3
4
5
6
7
GAIN ERROR DRIFT (ppm/°C)
Figure 31. Gain Error Drift Distribution Histogram
(Low Level Input)
0
2
4
6
8
10
12
14
16
18
20
–0.01
0
0.01
0.02
0.03
0.04
TUE (%FSR)
–40°C
+25°C
+105°C
Figure 32. TUE Distribution Histogram (Low Level Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com