Electronic Components Datasheet Search
  English  ▼

X  

AD4116 Datasheet(PDF) 6 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD4116 Datasheet HTML 2Page - Analog Devices AD4116 Datasheet HTML 3Page - Analog Devices AD4116 Datasheet HTML 4Page - Analog Devices AD4116 Datasheet HTML 5Page - Analog Devices AD4116 Datasheet HTML 6Page - Analog Devices AD4116 Datasheet HTML 7Page - Analog Devices AD4116 Datasheet HTML 8Page - Analog Devices AD4116 Datasheet HTML 9Page - Analog Devices AD4116 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
AD4116
Data Sheet
Rev. 0 | Page 6 of 59
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Crystal
Frequency
14
16
16.384
MHz
Start-Up Time
10
µs
External Clock (CLKIO)
4
4.096
MHz
Duty Cycle
30
50
70
%
LOGIC INPUTS
Input Voltage4
High, VINH
2 V ≤ IOVDD < 2.3 V
0.65 × IOVDD
V
2.3 V ≤ IOVDD ≤ 5.5 V
0.7 × IOVDD
V
Low, VINL
2 V ≤ IOVDD < 2.3 V
0.35 × IOVDD
V
2.3 V ≤ IOVDD ≤ 5.5 V
0.7
V
Hysteresis
IOVDD ≥ 2.7 V
0.08
0.25
V
IOVDD < 2.7 V
0.04
0.2
V
Leakage Current
−10
+10
µA
LOGIC OUTPUT (DOUT/RDY)
Output Voltage4
High, VOH
IOVDD ≥ 4.5 V, ISOURCE = 1 mA
0.8 × IOVDD
V
2.7 V ≤ IOVDD < 4.5 V, ISOURCE = 500 µA
0.8 × IOVDD
V
IOVDD < 2.7 V, ISOURCE = 200 µA
0.8 × IOVDD
V
Low, VOL
IOVDD ≥ 4.5 V, ISINK = 2 mA
0.4
V
2.7 V ≤ IOVDD < 4.5 V, ISINK = 1 mA
0.4
V
IOVDD < 2.7 V, ISINK = 400 µA
0.4
V
Leakage Current4
Floating state
−10
+10
µA
Output Capacitance
Floating state
10
pF
POWER REQUIREMENTS
Power Supply Voltage
AVDD to AVSS
4.5
5.5
V
AVSS to DGND
−2.75
0
V
IOVDD to DGND
2
5.5
V
IOVDD to AVSS
For AVSS < DGND
6.35
V
POWER SUPPLY CURRENTS7
All outputs unloaded, digital inputs
connected to IOVDD or DGND
Full Operating Mode
AVDD Current
Including internal reference
5.3
6.63
mA
IOVDD Current
Internal clock
0.85
1.12
mA
Standby Mode
All VIN = 0 V
45
µA
Power-Down Mode
All VIN = 0 V
20
µA
POWER DISSIPATION
Full Operating Mode
31
mW
Standby Mode
223
µW
Power-Down Mode
100
µW
1
The full specification is guaranteed for a differential input signal of ±10 V. The device is functional up to a differential input signal of ±VREF × 10. However, the specified
absolute (pin) voltage must not be exceeded for proper function.
2
Following a system zero-scale calibration, the offset error is in the order of the noise for the programmed output data rate selected. An internal zero-scale calibration
at low level inputs reduces the offset error in the order of the noise for the programmed output data rate selected.
3
To improve performance, use an external reference with better accuracy and lower temperature coefficient.
4
Specification is not production tested but is supported by characterization data at the initial product release.
5
Following a system full-scale calibration, the gain error is reduced to the order of the noise for the programmed output data rate.
6
This specification includes moisture sensitivity level (MSL) preconditioning effects.
7
This specification is with no load on the REFOUT pin and the digital output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com