Electronic Components Datasheet Search
  English  ▼

X  

AD4116 Datasheet(PDF) 39 Page - Analog Devices

Part # AD4116
Description  Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4116 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD4116 Datasheet HTML 35Page - Analog Devices AD4116 Datasheet HTML 36Page - Analog Devices AD4116 Datasheet HTML 37Page - Analog Devices AD4116 Datasheet HTML 38Page - Analog Devices AD4116 Datasheet HTML 39Page - Analog Devices AD4116 Datasheet HTML 40Page - Analog Devices AD4116 Datasheet HTML 41Page - Analog Devices AD4116 Datasheet HTML 42Page - Analog Devices AD4116 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Data Sheet
AD4116
Rev. 0 | Page 39 of 59
STANDBY AND POWER-DOWN MODES
In standby mode, most blocks are powered down. The LDO
regulators remain active so that the registers maintain their
contents. The crystal oscillator remains active if selected. To
power down the clock in standby mode, set the CLOCKSEL bits
in the ADC mode register to 00 (internal oscillator mode).
In power-down mode, all blocks are powered down, including
the LDO regulators. All registers lose their contents, and the GPIO
outputs are placed in three-state. To prevent accidental entry to
power-down mode, the ADC must first be placed in standby
mode. Exiting power-down mode requires 64 SCLKs with CS =
0 and DIN = 1, that is, a serial interface reset. A delay of 500 µs is
recommended before issuing a subsequent serial interface
command to allow the LDO regulator to power up.
CALIBRATION
The AD4116 allows a 2-point calibration to be performed to
eliminate any offset and gain errors. The following four calibration
modes are used to eliminate these offset and gain errors on a per
setup basis:
•
Internal zero-scale calibration mode
•
Internal full-scale calibration mode
•
System zero-scale calibration mode
•
System full-scale calibration mode
Only one channel can be active during calibration. After each
conversion, the ADC conversion result is scaled using the ADC
calibration registers before being written to the data register.
The default value of the offset register is 0x800000, and the
default value of the gain register is 0x5XXXX0. The following
equations show the calculations that are used. In unipolar mode,
the ideal relationship (that is, not taking into account the ADC
gain error and offset error) is as follows:
For the voltage inputs,
Data = ((0.075 × VIN/VREF) × 223 − (Offset − 0x800000)) ×
(Gain/0x400000) × 2
For the low level inputs,
Data = ((0.75 × VADCIN/VREF) × 223 − (Offset − 0x800000)) ×
(Gain/0x400000) × 2
In bipolar mode, the ideal relationship (that is, not taking into
account the ADC gain error and offset error) is as follows:
For the voltage inputs,
Data = ((0.075 × VIN/VREF) × 223 − (Offset − 0x800000)) ×
(Gain/0x400000) + 0x800000
For the low level inputs,
Data = ((0.75 × VADCIN/VREF) × 223 − (Offset − 0x800000)) ×
(Gain/0x400000) + 0x800000
To start a calibration, write the relevant value to the mode bits
in the ADC mode register. The DOUT/RDY pin and the RDY bit
in the status register go high when the calibration initiates. When
the calibration is complete, the contents of the corresponding
offset or gain register are updated, the RDY bit in the status
register is reset, the RDY output pin returns low (if CS is low),
and the AD4116 reverts to standby mode.
During an internal offset calibration, both modulator inputs are
connected internally to the selected negative analog input pin.
Therefore, it is necessary to ensure that the voltage on the selected
negative analog input pin does not exceed the allowed limits
and is free from excessive noise and interference. A full-scale,
low level, input voltage automatically connects to the ADC
input to perform an internal full-scale calibration.
However, for system calibrations, the system zero-scale (offset)
and system full-scale (gain) voltages must be applied to the
input pins before initiating the calibration modes. As a result,
errors external to the AD4116 are removed.
The calibration range of the ADC gain for a system full-scale
calibration on a voltage input is from 3.75 × VREF to 10.5 × VREF.
However, if 10.5 × VREF is greater than the absolute input voltage
specification for the applied AVDD, use the specification as the
upper limit instead of 10.5 × VREF (see the Specifications section).
The calibration range of the ADC gain for a system full-scale
calibration on a low level input is from 0.4 × VREF to 1.05 × VREF.
An internal zero-scale calibration only removes the offset error
of the ADC core. It does not remove error from the resistive
front end. A system zero-scale calibration reduces the offset
error to the order of the noise on that channel.
From an operational point of view, treat a calibration like
another ADC conversion. An offset calibration, if required,
must always be performed before a full-scale calibration. Set the
system software to monitor the RDY bit in the status register or
the RDY output to determine the end of a calibration via a
polling sequence or an interrupt driven routine. All calibrations
require a time equal to the settling time of the selected filter and
output data rate to be completed.
Any calibration can be performed at any output data rate.
Using lower output data rates results in better calibration
accuracy and is accurate for all output data rates. A new offset
calibration is required for a given channel if the reference
source for that channel is changed.
The AD4116 provides the user with access to the on-chip
calibration registers, allowing the microprocessor to read the
calibration coefficients of the device and to write its own
calibration coefficients. A read or write of the offset and gain
registers can be performed at any time except during an internal or
self calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com