Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 4 Page - Texas Instruments

  TPS63805 Datasheet HTML 1Page - Texas Instruments TPS63805 Datasheet HTML 2Page - Texas Instruments TPS63805 Datasheet HTML 3Page - Texas Instruments TPS63805 Datasheet HTML 4Page - Texas Instruments TPS63805 Datasheet HTML 5Page - Texas Instruments TPS63805 Datasheet HTML 6Page - Texas Instruments TPS63805 Datasheet HTML 7Page - Texas Instruments TPS63805 Datasheet HTML 8Page - Texas Instruments TPS63805 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
8 Specifications
8.1 Absolute Maximum Ratings
over junction temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage(2)
VIN, L1, L2, EN, MODE, VOUT, FB, PG
–0.3
6
V
L1, L2 (AC, less than 10 ns)
–3
9
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to network ground pin.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VI
Input voltage
1.3 (1)
5.5
V
VO
Output voltage
1.8
5.2 (2)
V
CI
Effective capacitance connected to VIN
4
5
μF
L
Effective inductance
0.37
0.47
0.57
μH
CO
TPS63805/TPS63807 Effective capacitance
connected to VOUT
1.8 V ≤ VO ≤ 2.3 V
10
μF
VO > 2.3 V
7
8.2
µF
CO
TPS63806 Effective capacitance connected to VOUT
1.8 V ≤ VO < 2.3 V
30
μF
VO > 2.3 V
21
27
µF
TJ
Operating junction temperature
Operating junction
temperature
–40
125
°C
(1)
Minimum start-up voltage of VI > 1.8 V until power good
(2)
VO margin for accuracy and load steps is considerd in absolut maximum ratings
8.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
THERMAL METRIC(1)
TPS6380x
UNIT
3x5 Ball WCSP
15 PINS
RΘJA
Junction-to-ambient thermal resistance
78.8
°C/W
RΘJC(top)
Junction-to-case (top) thermal resistance
0.6
°C/W
RΘJB
Junction-to-board thermal resistance
19.5
°C/W
ΨJT
Junction-to-top characterization parameter
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
19.5
°C/W
RΘJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS63805 TPS63806 TPS63807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com