Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS63805 Datasheet HTML 34Page - Texas Instruments TPS63805 Datasheet HTML 35Page - Texas Instruments TPS63805 Datasheet HTML 36Page - Texas Instruments TPS63805 Datasheet HTML 37Page - Texas Instruments TPS63805 Datasheet HTML 38Page - Texas Instruments TPS63805 Datasheet HTML 39Page - Texas Instruments TPS63805 Datasheet HTML 40Page - Texas Instruments TPS63805 Datasheet HTML 41Page - Texas Instruments TPS63805 Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.625 MAX
0.30
0.12
1.6
TYP
0.8 TYP
0.4 TYP
0.4
TYP
15X
0.3
0.2
B
E
A
D
4219378/B 05/2020
DSBGA - 0.625 mm max height
YFF0015
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
B
C
1
2
3
0.015
C A B
SYMM
SYMM
D
E
SCALE 6.000
D: Max =
E: Max =
2.285 mm, Min =
1.374 mm, Min =
2.225 mm
1.314 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com